전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54200 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL54200
상세설명  USB 2.0 High/Full Speed Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54200 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL54200 Datasheet HTML 5Page - Intersil Corporation ISL54200 Datasheet HTML 6Page - Intersil Corporation ISL54200 Datasheet HTML 7Page - Intersil Corporation ISL54200 Datasheet HTML 8Page - Intersil Corporation ISL54200 Datasheet HTML 9Page - Intersil Corporation ISL54200 Datasheet HTML 10Page - Intersil Corporation ISL54200 Datasheet HTML 11Page - Intersil Corporation ISL54200 Datasheet HTML 12Page - Intersil Corporation ISL54200 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL54200
9
FN6408.2
June 17, 2010
Application Block Diagram
Detailed Description
The ISL54200 device is a dual single pole/double throw
(SPDT) analog switch that operates from a single DC
power supply in the range of 2.7V to 5.5V. It was
designed to function as a dual 2-to-1 multiplexer to
select between a USB high-speed transceiver and a USB
full-speed transceiver in portable battery powered
products. It is offered in a TDFN package and a small
µTQFN package for use in MP3 players, cameras, PDAs,
cellphones, and other personal media players. The device
has an enable pin to open all switches.
The part consists of two 7Ω full speed (FSx) switches and
two 4.5Ω high speed (HSx) switches. The FSx switches
can swing from 0V to VDD. They were designed to pass
USB full speed (12Mbps) differential data signals with
minimal distortion. The HSx switches have high
bandwidth and low capacitance to pass USB high-speed
(480Mbps) differential data signals with minimal edge
and phase distortion.
The ISL54200 was designed for MP3 players, cameras,
cellphones, and other personal media player applications
that have both high-speed and full-speed transceivers
and need to multiplex between these USB sources to a
single USB host (computer). A typical application block
diagram of this functionality is shown on page 9.
A detailed description of the two types of switches are
provided in the following sections.
FSx Switches (FSD1, FSD2)
The two FSx switches (FSD1, FSD2) are bidirectional
switches that can pass rail-to-rail signals. When powered
with a 3.3V supply, these switches have a nominal rON
resistance of 7Ω over the signal range of 0V to 3.3V. They
were specifically designed to pass USB full-speed
(12Mbps) differential signals and meet the USB 2.0 full-
speed signal quality specifications. See Figure 8.
The FSx switches can also pass USB high speed signals
(480Mbps) but do not quite meet the USB 2.0 high speed
signal quality eye diagram compliance requirement.
The maximum signal range for the FSx switches is from
-1.5V to VDD. The signal voltage should not be allowed to
exceed the VDD voltage rail or go below ground by more
than -1.5V.
When operated with a 2.7V to 3.6V supply, the FSx
switches are active (turned ON) whenever the IN logic
control voltage is 0.5V and the EN logic voltage 1.4V.
HSx Switches (HSD1, HSD2)
The two HSx switches (HSD2, HSD1) are bi-directional
switches that can pass rail-to-rail signals. When powered
with a 3.3V supply, these switches have a nominal rON of
4.5Ω over the signal range of 0V to 400mV with a rON
flatness of 0.4Ω. The rON matching between the HSD1
and HSD2 switches over this signal range is only 0.01Ω,
ensuring minimal impact by the switches to USB high
speed signal transitions. As the signal level increases, the
rON switch resistance increases. At signal level of 3.3V,
the switch resistance is nominally 20Ω.
The HSx switches were specifically designed to pass USB
2.0 high-speed (480Mbps) differential signals typically in
the range of 0V to 400mV. They have low capacitance
and high bandwidth to pass the USB high-speed signals
with minimum edge and phase distortion to meet USB
2.0 high speed signal quality specifications. See Figures 9
and 10.
The HSx switches can also pass USB full-speed signals
(12Mbps) with minimal distortion and meet all the USB
PORTABLE MEDIA DEVICE
ISL54200
USB
TRANSCEIVER
HIGH-SPEED
COMD1
COMD2
IN
GND
HSD1
HSD2
FSD1
FSD2
VDD
EN
LOGIC
µCONTROLLER
4MΩ
USB
TRANSCEIVER
FULL-SPEED
VBUS
D-
D+
GND
3.3V
ISL54200


유사한 부품 번호 - ISL54200

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
ISL54200EVAL1Z RENESAS-ISL54200EVAL1Z Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Intersil Corporation
ISL54200IRUZ-T INTERSIL-ISL54200IRUZ-T Datasheet
1Mb / 16P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200IRUZ-T RENESAS-ISL54200IRUZ-T Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
More results

유사한 설명 - ISL54200

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200_07 Datasheet
1Mb / 16P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Intersil Corporation
ISL76120 INTERSIL-ISL76120 Datasheet
1Mb / 13P
   Automotive Grade USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL76120 RENESAS-ISL76120 Datasheet
1Mb / 15P
   Automotive Grade USB 2.0 High/Full Speed Multiplexer
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com