전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54210IRTZ-T 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL54210IRTZ-T
상세설명  MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54210IRTZ-T 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL54210IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 13Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 14Page - Intersil Corporation ISL54210IRTZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN6661.2
March 18, 2010
Typical Application Block Diagram
Detailed Description
The ISL54210 device is a dual single pole/double throw
(SPDT) analog switch that operates from a single DC
power supply in the range of 2.7V to 3.6V. It was
designed to function as a dual 2-to-1 multiplexer to
select between USB differential data signals and audio L
and R stereo signals. It comes in tiny µTQFN and TDFN
packages for use in MP3 players, PDAs, cellphones, and
other personal media players.
The part consists of two 2.5Ω audio switches and two
5.5Ω USB switches. The audio switches can accept
signals that swing below ground. They were designed to
pass audio left and right stereo signals, that are ground
referenced, with minimal distortion. The USB switches
were designed to pass high-speed USB differential data
signals with minimal edge and phase distortion.
The ISL54210 was specifically designed for MP3 players,
personal media players and cellphone applications that
need to combine the audio headphone jack and the USB
data connector into a single shared connector, thereby
saving space and component cost. A “Typical Application
Block Diagram” of this functionality is shown on page 11.
The ISL54210 incorporates circuitry for the detection of
the USB VBUS voltage, which is used to switch between
the audio CODEC drivers and USB transceiver of the MP3
player or cellphone. The ISL54210 contains a logic
control pin (CTRL) that when driven low while VBUS is
low, opens all switches and activates the audio click and
pop circuitry.
A detailed description of the two types of switches are
provided in the following sections. In a typical
application, the USB transmission and audio playback are
intended to be mutually exclusive operations.
Audio Switches
The two audio switches (L, R) are 2.5Ω switches that can
pass signals that swing below ground. Crosstalk between
the audio switches is <-100dB over the audio band.
These switches have excellent off-isolation >105dB over
the audio band with a 32Ω load.
Over a signal range of ±1V (0.707VRMS) with
VDD > 2.7V, these switches have an extremely low rON
resistance variation. They can pass ground referenced
audio signals with very low distortion (<0.06% THD+N)
when delivering 15.6mW into a 32Ω headphone speaker
load. See Figures 16, 17, 18, and 19 THD+N in “Typical
Performance Curves” beginning on page 14.
The audio drivers should be connected at the L and R
side of the switch (pins 5 and 6 for µTQFN, pins 6 and 7
for TDFN) and the speaker loads should be connected at
the COM side of the switch (pins 2 and 3 for µTQFN, pins
3 and 4 for TDFN).
The audio switches have click and pop circuitry on the L
and R side that is activated when the VBUS voltage is
VDD + 0.2V or floating and the CTRL voltage to 0.5V or
floating. The ISL54210 should be put in this mode before
powering down or powering up of the audio CODEC
drivers. In this mode, both the audio and USB in-line
switches will be OFF and the audio click and pop circuitry
will be ON. The high off-isolation of the audio switches
along with the click and pop circuitry will isolate the
transients generated during power-up and power-down
of the audio CODECs from getting through to the
headphones, thus eliminating click and pop noise in the
headphones.
The audio switches are active (turned ON) whenever the
VBUS voltage is VDD + 0.2V or floating and the CTRL
voltage to 1.4V.
ISL54210
USB
TRANSCEIVER
HIGH-SPEED
AUDIO
COM -
COM +
VBUS
GND
D-
D+
L
R
VDD
CTRL
LOGIC CONTROL
µCONTROLLER
4M
Ω
4M
Ω
CODEC
CLICK
AND
POP
VBUS
3.3V
200k
Ω
200k
Ω
ISL54210


유사한 부품 번호 - ISL54210IRTZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54210IRTZ-T INTERSIL-ISL54210IRTZ-T Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
logo
Renesas Technology Corp
ISL54210IRTZ-T RENESAS-ISL54210IRTZ-T Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
More results

유사한 설명 - ISL54210IRTZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
logo
Renesas Technology Corp
ISL54210 RENESAS-ISL54210 Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com