전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54214EVAL1Z 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL54214EVAL1Z
상세설명  USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54214EVAL1Z 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL54214EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54214EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ISL54214
3
FN6816.3
June 28, 2010
Pin Configurations
ISL54214
(12 LD 2.2x1.4 µTQFN)
TOP VIEW
ISL54214
(12 LD 3x3 TQFN)
TOP VIEW
NOTE:
1. ISL54214 Switches Shown for C1 = Logic “1” and C0 = Logic “1”. The R and L 50kΩ pull-down resistors, C1 and CO 4MΩ
pull-down resistors and COM- and COM+ 1kΩ Shunts are not shown.
10
12
9C1
COM -
COM +
VDD
C0
8
7
11
6
4
5
2
1
3
2D+
L
R
GND
1D-
1D+
2D-
LOGIC
CONTROL
1
3
12
C1
COM -
COM +
VDD
C0
11
10
2
9
7
8
5
46
2D+
L
R
GND
1D-
1D+
2D-
LOGIC
CONTROL
PD
Pin Descriptions
µTQFN
TQFN
NAME
FUNCTION
1
1
2D+
USB2 Differential Input
2
2
L
Audio Left Input
3
3
R
Audio Right Input
4
4
1D-
USB1 Differential Input
5
5
1D+
USB1 Differential Input
6
6
GND
Ground Connection
7
7
COM+
Voice and Data Common Pin
8
8
COM-
Voice and Data Common Pin
9
9
C1
Digital Control Input
10
10
C0
Digital Control Input
11
11
VDD
Power Supply
12
12
2D-
USB2 Differential Input
-
-
PD
Thermal Pad. Tie to Ground
or Float (TQFN only)
Pin Descriptions (Continued)
µTQFN
TQFN
NAME
FUNCTION
ISL54214


유사한 부품 번호 - ISL54214EVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54214EVAL1Z INTERSIL-ISL54214EVAL1Z Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54214EVAL1Z RENESAS-ISL54214EVAL1Z Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
More results

유사한 설명 - ISL54214EVAL1Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com