전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59922IRZ 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL59922IRZ
상세설명  Triple Analog Video Delay Lines
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59922IRZ 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL59922IRZ Datasheet HTML 1Page - Intersil Corporation ISL59922IRZ Datasheet HTML 2Page - Intersil Corporation ISL59922IRZ Datasheet HTML 3Page - Intersil Corporation ISL59922IRZ Datasheet HTML 4Page - Intersil Corporation ISL59922IRZ Datasheet HTML 5Page - Intersil Corporation ISL59922IRZ Datasheet HTML 6Page - Intersil Corporation ISL59922IRZ Datasheet HTML 7Page - Intersil Corporation ISL59922IRZ Datasheet HTML 8Page - Intersil Corporation ISL59922IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN6826.2
August 31, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
ESD Classification
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
20 Lead QFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
31
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VSP = VSPO = +5V, VSM = VSMP = -5V, GAIN = 2, TA = +25°C, exposed die plate = -5V, x2 = 5V,
RLOAD = 150Ω on all video outputs, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP MAX
UNIT
dt
Nominal Delay Increment (Note 2)
ISL59920
1.8
2
2.2
ns
ISL59921
1.4
1.5
1.7
ns
ISL59922
0.9
1
1.2
ns
ISL59923
1.8
2
2.3
ns
tMAX
Maximum Delay
ISL59920
55
62
68
ns
ISL59921
42.5
46.5
53.5
ns
ISL59922
26.5
31
38.5
ns
ISL59923
26.5
30
34.5
ns
DELDT
Delay Difference Between Channels for Same
Delay Settings On All Channels
1ns
tPD
Propagation Delay
ISL59920, ISL59923, measured input to
output, delay setting = 0ns
10
ns
ISL59921, measured input to output, delay
setting = 0ns
8ns
ISL59922, measured input to output, delay
setting = 0ns
7ns
BW -3dB
3dB Bandwidth, 0ns Delay Time
ISL59920, ISL59923
153
MHz
ISL59921
200
MHz
ISL59922
230
MHz
BW ±0.1dB
±0.1dB Bandwidth, 0ns Delay Time
ISL59920, ISL59923
50
MHz
ISL59921
60
MHz
ISL59922
50
MHz
SR
Slew Rate
ISL59920, 20-80, delay = 0ns
550
V/µs
ISL59921, 20-80, delay = 0ns
640
V/µs
ISL59922, 20-80, delay = 0ns
700
V/µs
ISL59923; 20-80, delay = 0ns
550
V/µs
ISL59920, ISL59921, ISL59922, ISL59923


유사한 부품 번호 - ISL59922IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59922IRZ INTERSIL-ISL59922IRZ Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
ISL59922IRZ INTERSIL-ISL59922IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59922IRZ RENESAS-ISL59922IRZ Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
More results

유사한 설명 - ISL59922IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Faraday Technology
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com