전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22444UFV20Z 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL22444UFV20Z
상세설명  Quad Digitally Controlled Potentiometer XDCP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22444UFV20Z 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL22444UFV20Z Datasheet HTML 3Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 4Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 5Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 6Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 7Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 8Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 9Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 10Page - Intersil Corporation ISL22444UFV20Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN6426.0
May 24, 2007
Cpin
(Note 20)
SCK, SDI, SDO and CS pin
capacitance
10
pF
fSCK
SPI frequency
5MHz
tCYC
SPI clock cycle time
200
ns
tWH
SPI clock high time
100
ns
tWL
SPI clock low time
100
ns
tLEAD
Lead time
250
ns
tLAG
Lag time
250
ns
tSU
SDI, SCK and CS input setup time
50
ns
tH
SDI, SCK and CS input hold time
50
ns
tRI
SDI, SCK and CS input rise time
10
ns
tFI
SDI, SCK and CS input fall time
10
20
ns
tDIS
SDO output Disable time
0
100
ns
tSO
SDO output setup time
50
ns
tV
SDO output valid time
150
ns
tHO
SDO output hold time
0
ns
tRO
SDO output rise time
Rpu = 2k, Cbus = 30pF
60
ns
tFO
SDO output fall time
Rpu = 2k, Cbus = 30pF
60
ns
tCS
CS deselect time
2µs
NOTES:
4. Typical values are for TA = +25°C and 3.3V supply voltage.
5. LSB: [V(RW)255 – V(RW)0]/255. V(RW)255 and V(RW)0 are V(RW) for the DCP register set to FF hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
6. ZS error = V(RW)0/LSB.
7. FS error = [V(RW)255 – VCC]/LSB.
8. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 255. i is the DCP register setting.
9. INL = [V(RW)i – i • LSB – V(RW)]/LSB for i = 1 to 255
10. VMATCH= [V(RWx)i -V(RWy)i]/LSB, for i = 0 to 255, x = 0 to 3, y = 0 to 3.
11.
for i = 16 to 255 decimal, T = -40°C to +125°C. Max ( ) is the maximum value of the wiper
voltage and Min ( ) is the minimum value of the wiper voltage over the temperature range.
12. MI =
|RW255 – RW0|/255. MI is a minimum increment. RW255 and RW0 are the measured resistances for the DCP register set to FF hex and
00 hex respectively.
13. Roffset = RW0/MI, when measuring between RW and RL.
Roffset = RW255/MI, when measuring between RW and RH.
14. RDNL = (RWi – RWi-1)/MI -1, for i = 1 to 255.
15. RINL = [RWi – (MI • i) – RW0]/MI, for i = 1 to 255.
16. RMATCH= [(Rx)i -(Ry)i]/MI, for i = 0 to 255, x = 0 to 3, y = 0 to 3.
17.
for i = 16 to 255, T = -40°C to +125°C. Max ( ) is the maximum value of the resistance and Min ( )
is the minimum value of the resistance over the temperature range.
18. tWC is the time from the end of a Write sequence of SPI serial interface, to the end of the self-timed internal non-volatile write cycle.
19. Rpu is specified for the highest data rate transfer for the device. Higher value pull-up can be used at lower data rates.
20. This parameter is not 100% tested.
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 4)
MAX
UNIT
TC
V
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
----------------------------------------------------------------------------------------------
106
165°C
-----------------
×
=
+
TC
R
Max Ri
() Min Ri
()
[]
Max Ri
() Min Ri
()
+
[] 2
----------------------------------------------------------------
10
6
165°C
-----------------
×
=
+
ISL22444


유사한 부품 번호 - ISL22444UFV20Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL22444UFV20Z RENESAS-ISL22444UFV20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
More results

유사한 설명 - ISL22444UFV20Z

제조업체부품명데이터시트상세설명
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com