전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1221IUZ-T 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL1221IUZ-T
상세설명  Low Power RTC with Battery Backed
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1221IUZ-T 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL1221IUZ-T Datasheet HTML 4Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 5Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 6Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 7Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 8Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 9Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 10Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 11Page - Intersil Corporation ISL1221IUZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN6316.0
June 22, 2006
VBAT
This input provides a backup supply voltage to the device.
VBAT supplies power to the device in the event that the VDD
supply fails. This pin can be connected to a battery, a Super
Cap or tied to ground if not used.
EVIN (Event Input)
The EVIN pin is an input that is used to detect an externally
monitored event. When a high signal is present at the EVIN
pin, an “event” is detected. This input may be used for
various monitoring functions, such as the opening of a
detection switch on a chassis or door. The event detection
circuit can be user enabled or disabled (see EVEN bit) and
provides the option to be operational in battery backup
modes (see EVBATB bit). When the event detection is
disabled the EVIN pin is gated OFF. See functional
Description for more details.
FOUT (Frequency Output)
The FOUT pin outputs a clock signal which is related to the
crystal frequency. The frequency output is user selectable
and enabled via the I2C bus. It is an open drain active low
output. When not used, the output is high.
IRQ/EVDET (Alarm/Event Detect Output)
This dual function pin can be used as an interrupt alarm or
event detect output pin. Checking the status register will
show the type of interrupt, Alarm or Event Detect.
• Interrupt Mode. The pin provides an interrupt signal
output. This signal notifies a host processor that an alarm
has occurred and requests action. It is an open drain
active low output.
• The output will go low when an event is detected at the
EVIN pin. If the event detection function is enabled, the
IRQ/EVDET output will go low and stay low until the EVT
bit is cleared (see EVIN pin description).
Serial Clock (SCL)
The SCL input is used to clock all serial data into and out of
the device. The input buffer on this pin is always active (not
gated). It is disabled when the backup power supply on the
VBAT pin is activated to minimize power consumption.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and out
of the device. It has an open drain output and may be ORed
with other open drain or open collector outputs. The input
buffer is always active (not gated) in normal mode.
An open drain output requires the use of a pull-up resistor.
The output circuitry controls the fall time of the output signal
with the use of a slope controlled pull-down. The circuit is
designed for 400kHz I2C interface speeds. It is disabled
when the backup power supply on the VBAT pin is activated.
VDD, GND
Chip power supply and ground pins. The device will operate
with a power supply from VDD=2.7V to 5.5VDC. A 0.1µF
capacitor is recommended on the VDD pin to ground.
Functional Description
Power Control Operation
The power control circuit accepts a VDD and a VBAT input.
Many types of batteries can be used with Intersil RTC
products. For example, 3.0V or 3.6V Lithium batteries are
appropriate, and battery sizes are available that can power
the ISL1221 for up to 10 years. Another option is to use a
Super Cap for applications where VDD is interrupted for up
to a month. See the Applications Section for more
information.
Normal Mode (VDD) to Battery Backup Mode
(VBAT)
To transition from the VDD to VBAT mode, both of the
following conditions must be met:
Condition 1:
VDD < VBAT - VBATHYS
where VBATHYS ≈ 50mV
Condition 2:
VDD < VTRIP
where VTRIP ≈ 2.2V
Battery Backup Mode (VBAT) to Normal Mode
(VDD)
The ISL1221 device will switch from the VBAT to VDD mode
when one of the following conditions occurs:
Condition 1:
VDD > VBAT + VBATHYS
where VBATHYS ≈ 50mV
Condition 2:
VDD > VTRIP + VTRIPHYS
where VTRIPHYS ≈ 30mV
FIGURE 10. RECOMMENDED CRYSTAL CONNECTION
X1
X2
ISL1221


유사한 부품 번호 - ISL1221IUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL1221IUZ-T RENESAS-ISL1221IUZ-T Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results

유사한 설명 - ISL1221IUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com