전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1219IUZ 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL1219IUZ
상세설명  Low Power RTC with Battery Backed SRAM and Event Detection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1219IUZ 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL1219IUZ Datasheet HTML 1Page - Intersil Corporation ISL1219IUZ Datasheet HTML 2Page - Intersil Corporation ISL1219IUZ Datasheet HTML 3Page - Intersil Corporation ISL1219IUZ Datasheet HTML 4Page - Intersil Corporation ISL1219IUZ Datasheet HTML 5Page - Intersil Corporation ISL1219IUZ Datasheet HTML 6Page - Intersil Corporation ISL1219IUZ Datasheet HTML 7Page - Intersil Corporation ISL1219IUZ Datasheet HTML 8Page - Intersil Corporation ISL1219IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
FN6314.1
August 14, 2006
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT, SCL, SDA, and IRQ/FOUT Pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7.0V
Voltage on X1 and X2 Pins
(respect to ground) . . . . . . . . . . . . -0.5V to VDD + 0.5 (VDD Mode)
-0.5V to VBAT + 0.5 (VBAT Mode)
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . . 300°C
ESD Rating (Human Body Model) . . . . . . . . . . . . . . . . . . . . . . .>2kV
ESD Rating (Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . .>175V
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
10 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . .
120
Moisture Sensitivity (see Technical Brief TB363). . . . . . . . . . Level 2
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Operating Characteristics – RTC Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
(Note 5)
MAX
UNITS
NOTES
VDD
Main Power Supply
2.7
5.5
V
VBAT
Battery Supply Voltage
1.8
5.5
V
IDD1
Supply Current
VDD = 5V
2
6
µA
2, 3
VDD = 3V
1.2
4
µA
IDD2
Supply Current With I2C Active
VDD = 5V
40
120
µA
2, 3
IDD3
Supply Current (Low Power Mode)
VDD = 5V, LPMODE = 1
1.4
5
µA
2, 8
IBAT
Battery Supply Current
VBAT = 3V
400
950
nA
2
IBATLKG
Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
100
nA
ILI
Input Leakage Current on SCL
100
nA
ILO
I/O Leakage Current on SDA
100
nA
VTRIP
VBAT Mode Threshold
1.6
2.2
2.64
V
VTRIPHYS
VTRIP Hysteresis
10
35
60
mV
VBATHYS
VBAT Hysteresis
10
50
100
mV
EVIN
VIL
-0.3
0.3 x
VDD
V
VIH
0.7 x
VDD
VDD +
0.3
V
Hysteresis
0.05 x
VDD
V
IEVPU
EVIN Pull-up Current
VSUP = 3V
1.5
µA
6
IRQ/FOUT and EVDET
VOL
Output Low Voltage
VDD = 5V, IOL = 3mA
0.4
V
VDD = 2.7V, IOL = 1mA
0.4
V
ILO
Output Leakage Current
VDD = 5.5V
VOUT = 5.5V
100
400
nA
ISL1219


유사한 부품 번호 - ISL1219IUZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL1219IUZ RENESAS-ISL1219IUZ Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219IUZ-T RENESAS-ISL1219IUZ-T Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results

유사한 설명 - ISL1219IUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com