전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29101IROZ-T7 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL29101IROZ-T7
상세설명  Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29101IROZ-T7 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL29101IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29101IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29101IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29101IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29101IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29101IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29101IROZ-T7 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FN6510.0
July 1, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VDD and GND . . . . . . . . . . . . . . . . . . 3.6V
REXT . . . . . . . . . . . . . . . . . . . . . . . . .(-0.5V - GND) to (0.5V + VDD)
VOUT . . . . . . . . . . . . . . . . . . . . . . . . .(-0.5V - GND) to (0.5V + VDD)
VOUT Short Circuit Current . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance
θJA (°C/W)
6 Ld ODFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/data/tb/TB477.pdf
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VDD = 3V, TA = +25°C, REXT = 100kΩ, no load at VOUT, green LED light, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
E
Range of Input Light Intensity
0.5 to 10k
lux
VDD
Power Supply Range
1.8
3.3
V
IDD
Supply Current
E = 1000 lux
23
35
µA
E = 100 lux
3.5
µA
E = 0 lux
0.65
µA
VOUT0
Light-to-Voltage Accuracy
E = 100 lux
165
mV
VOUT1
Light-to-Voltage Accuracy
E = 1000 lux
1.15
1.65
2.13
V
VDARK
Voltage Output in the Absence of Light
E = 0 lux, RL = 10MΩ
125
mV
ΔVOUT
Output Voltage Variation Over Three Light Sources:
Fluorescent, Incandescent and Halogen
E = 1000 lux
20
%
PSRR
Power Supply Rejection Ratio
E = 100 lux, VDD = 1.8V to
3.3V
2.5
mV/V
VO-MAX
Maximum Output Compliance Voltage at 95% of
Nominal Output
VDD - 0.7V
V
tR
ISRC and ISNK Rise Time (Note 3)
E = 300 lux from 0 lux
104
µs
E = 1000 lux from 0 lux
27
µs
tF
ISRC and ISNK Fall Time (Note 3)
E = 300 lux to 0 lux
562
µs
E = 1000 lux to 0 lux
233
µs
tD
ISRC and ISNK Delay Time for Rising Edge (Note 3)
E = 300 lux from 0 lux
504
µs
E = 1000 lux from 0 lux
209
µs
tS
ISRC and ISNK Delay Time for Falling Edge (Note 3) E = 300 lux to 0 lux
30
µs
E = 1000 lux to 0 lux
18
µs
ISC
Short Circuit Current of Op Amp
±11
mA
SR
Slew Rate of Op Amp
±10
V/ms
VOS
Offset Voltage of Op Amp
±1.2
mV
NOTE:
3. Switching time measurement is based on Figures 1 and 2.
ISL29101


유사한 부품 번호 - ISL29101IROZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101IROZ-T7 RENESAS-ISL29101IROZ-T7 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101IROZ-T7A INTERSIL-ISL29101IROZ-T7A Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101IROZ-T7A RENESAS-ISL29101IROZ-T7A Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
More results

유사한 설명 - ISL29101IROZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com