전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29018 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL29018
상세설명  Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29018 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL29018 Datasheet HTML 6Page - Intersil Corporation ISL29018 Datasheet HTML 7Page - Intersil Corporation ISL29018 Datasheet HTML 8Page - Intersil Corporation ISL29018 Datasheet HTML 9Page - Intersil Corporation ISL29018 Datasheet HTML 10Page - Intersil Corporation ISL29018 Datasheet HTML 11Page - Intersil Corporation ISL29018 Datasheet HTML 12Page - Intersil Corporation ISL29018 Datasheet HTML 13Page - Intersil Corporation ISL29018 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6619.0
March 3, 2009
brunette hair, as expected and shown in Figure 11. Also notice
that skin tissue is much more reflective than hair. IR
penetrates into the skin and is reflected or scattered back
from within. As a result, the proximity count peaks at contact
and monotonically decreases as skin moves away. This
characteristic is very different from that of a plain paper
reflector.
Interrupt Function
Depending on the mode of operation set by Bits 7, 6 and 5 of
command register 00 hex, the upper and lower interrupt
thresholds are for either ambient light level or proximity
detection. After each change of mode of operation, it is
expected a new set of thresholds are loaded to interrupt
registers 04, 05, 06 and 07 hex for proper interrupt detection.
Also, the interrupt persist counter will be reset to 0 when the
mode of operation is changed.
LED Modulation for Proximity Detection
ISL29018 offers two ways to modulate the LED in the
Proximity Detection mode - DC or 360kHz (with 50% duty
cycle) by bit 6 of register 01h. At the IRDR pin, there are four
different IRDR LED currents; 12.5, 25, 50, and 100mA
outputs selectable by bits 4 and 5 of register 01h. With the
LED running in the DC mode, the proximity detection is twice
as sensitive but consumes 2 times more current. The
sensitivity of LED 50mA, DC 50mA is identical to that of
100mA, 360kHz modulation. Please note that the ISL29018
does not include a LED.
Current Consumption Estimation
The low power operation is achieved through sequential
readout in the serial fashion, as shown in Figure 3, the
device requires three different phases in serial during the
entire detection cycle to do ambient light sensing, infrared
sensing and proximity sensing. The external IR LED will only
be turned on during the proximity sensing phase under user
program controlled current at modulated frequency depends
on user selections. Figure 3 also shows the current
consumption during each ALS, IR sensing and Proximity
sensing phase. For example, at 8-bit ADC resolution the
integration time is 0.4ms. If user programed 50mA current to
supply external IR LED at 360kHz modulated frequency,
during the entire operation cycle that includes ALS, IR
sensing and Proximity sensing three different serial phases,
the detection occurs once every 30ms, the average current
consumption including external IR LED drive current can be
calculated from Equation 9:
If at a 12-bit ADC resolution where the integration time for
each serial phase becomes 7ms and the total detection time
becomes 100ms, the average current can be calculated from
Equation 10:
Suggested PCB Footprint
It is important that the users check the “Surface Mount
Assembly Guidelines for Optical Dual FlatPack No Lead
(ODFN) Package” before starting ODFN product board
mounting.
http://www.intersil.com/data/tb/TB477.pdf
Layout Considerations
The ISL29018 is relatively insensitive to layout. Like other
I2C devices, it is intended to provide excellent performance
even in significantly noisy environments. There are only a
few considerations that will ensure best performance.
Route the supply and I2C traces as far as possible from all
sources of noise. Use two power-supply decoupling
capacitor 0.1µF, placed close to the device.
Typical Circuit
A typical application for the ISL29018 is shown in Figure 4.
The ISL29018’s I2C address is internally hardwired as
1000100. The device can be tied onto a system’s I2C bus
together with other I2C compliant devices.
Soldering Considerations
Convection heating is recommended for reflow soldering;
direct-infrared heating is not recommended. The plastic
ODFN package does not require a custom reflow soldering
profile, and is qualified to +260°C. A standard reflow
soldering profile with a +260°C maximum is recommended.
0.05mA 0.05mA 1mA (50mA∗50%))∗0.4ms
++
+
()
[]/30ms = 0.35mA
(EQ. 9)
0.05mA 0.05mA 1mA (50mA∗50%))∗
7ms
++
+
()
[]/100ms = 1.83mA
(EQ. 10)
ISL29018


유사한 부품 번호 - ISL29018

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29018 INTERSIL-ISL29018 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018IROZ-T7 RENESAS-ISL29018IROZ-T7 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results

유사한 설명 - ISL29018

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com