전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29018IROZ-EVALZ 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL29018IROZ-EVALZ
상세설명  Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29018IROZ-EVALZ 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL29018IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29018IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29018IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29018IROZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29018IROZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL29018IROZ-EVALZ Datasheet HTML 12Page - Intersil Corporation ISL29018IROZ-EVALZ Datasheet HTML 13Page - Intersil Corporation ISL29018IROZ-EVALZ Datasheet HTML 14Page - Intersil Corporation ISL29018IROZ-EVALZ Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6619.0
March 3, 2009
FIGURE 3. CURRENT CONSUMPTION FOR EACH INTEGRATION PHASE AND DETECTION CYCLE
ALS
IR
PROXIMITY
IR LED
0.4ms
0.4ms
0.4ms
50µ
50µ
50mA
1mA
360 kHz
1µ
30ms
VDDD
1
GND
3
REXT
4
SDA
INT
7
IRDR
8
ISL29018
R1
10k
Ω
R2
10k
Ω
REXT
499k
2.25V TO 3.63V
MICROCONTROLLER
INT
SDA
SLAVE_0
SLAVE_1
I2C SLAVE_n
I2C MASTER
SCL
SDA
SCL
SDA
1.7V TO 3.63V
6
R3
10k
Ω
SCL
2
VDDA
5
C1
0.1µ
FIGURE 4. ISL29018 TYPICAL CIRCUIT
SCL
ISL29018


유사한 부품 번호 - ISL29018IROZ-EVALZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018IROZ-T7 RENESAS-ISL29018IROZ-T7 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results

유사한 설명 - ISL29018IROZ-EVALZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com