전자부품 데이터시트 검색엔진 |
|
ISL22416 데이터시트(PDF) 3 Page - Intersil Corporation |
|
ISL22416 데이터시트(HTML) 3 Page - Intersil Corporation |
3 / 14 page 3 FN6227.2 September 9, 2009 Absolute Maximum Ratings Thermal Information Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C Voltage at any Digital Interface Pin with Respect to GND . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC+0.3 VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V Voltage at any DCP pin with Respect to GND . . . . . . . -0.3V to VCC IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA Latchup (Note 1) . . . . . . . . . . . . . . . . . . Class II, Level B @ +125°C ESD Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5kV Charge Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1kV Thermal Resistance (Typical) θJA (°C/W) θJC(°C/W) 10 Lead MSOP (Note 2). . . . . . . . . . . . 162 N/A 10 Lead TDFN (Notes 2, 3) . . . . . . . . . 74 7 Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Recommended Operating Conditions Temperature Range (Extended Industrial). . . . . . . . -40°C to +125°C Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mW VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3.0mA CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 1. Jedec Class II pulse conditions and failure criterion used. Level B exceptions are: using a max positive pulse of 6.5V on the SHDN pin, and using a max negative pulse of -1V for all pins. 2. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 3. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside. Analog Specifications Over recommended operating conditions, unless otherwise stated. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production tested. SYMBOL PARAMETER TEST CONDITIONS MIN TYP (Note 4) MAX UNIT RTOTAL RH to RL Resistance W option 10 k Ω U option 50 k Ω RH to RL Resistance Tolerance W and U option -20 +20 % End-to-End Temperature Coefficient W option ±50 ppm/°C (Note 18) U option ±80 ppm/°C (Note 18) RW Wiper Resistance VCC = 3.3V, wiper current = VCC/RTOTAL 70 200 Ω VRH, VRL VRH and VRL Terminal Voltages VRH and VRL to GND 0 VCC V CH/CL/CW (Note 18) Potentiometer Capacitance 10/10/25 pF ILkgDCP Leakage on DCP Pins Voltage at pin from GND to VCC 0.1 1 µA VOLTAGE DIVIDER MODE (0V @ RL; VCC @ RH; measured at RW, unloaded) INL (Note 9) Integral Non-linearity Monotonic over all tap positions, W and U option -1 1 LSB (Note 5) DNL (Note 8) Differential Non-linearity Monotonic over all tap positions, W and U option -0.5 0.5 LSB (Note 5) ZSerror (Note 6) Zero-scale Error W option 0 1 5 LSB (Note 5) U option 0 0.5 2 FSerror (Note 7) Full-scale Error W option -5 -1 0 LSB (Note 5) U option -2 -1 0 TCV (Note 10, 18) Ratiometric Temperature Coefficient DCP register set to 40 hex for W and U option ±4 ppm/°C ISL22416 |
유사한 부품 번호 - ISL22416 |
|
유사한 설명 - ISL22416 |