전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL12020M 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL12020M
상세설명  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020M 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL12020M Datasheet HTML 1Page - Intersil Corporation ISL12020M Datasheet HTML 2Page - Intersil Corporation ISL12020M Datasheet HTML 3Page - Intersil Corporation ISL12020M Datasheet HTML 4Page - Intersil Corporation ISL12020M Datasheet HTML 5Page - Intersil Corporation ISL12020M Datasheet HTML 6Page - Intersil Corporation ISL12020M Datasheet HTML 7Page - Intersil Corporation ISL12020M Datasheet HTML 8Page - Intersil Corporation ISL12020M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
I2C Bus™ is a trademark owned by NXP Semiconductors Netherlands, B.V.
Copyright Intersil Americas Inc. 2008, 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Low Power RTC with Battery Backed SRAM,
Integrated ±5ppm Temperature Compensation and
Auto Daylight Saving
ISL12020M
The ISL12020M device is a low power real time clock
(RTC) with an embedded temperature sensor and
crystal. Device functions include oscillator compensation,
clock/calendar, power fail and low battery monitors,
brownout indicator, one-time, periodic or polled alarms,
intelligent battery backup switching, Battery Reseal™
function and 128 bytes of battery-backed user SRAM.
The device is offered in a 20 Ld DFN module that
contains the RTC and an embedded 32.768kHz quartz
crystal. The calibrated oscillator provides less than
±5ppm drift over the full -40°C to +85°C temperature
range.
The RTC tracks time with separate registers for hours,
minutes, and seconds. The calendar registers track date,
month, year and day of the week and are accurate
through 2099, with automatic leap year correction.
Daylight Savings time adjustment is done automatically,
using parameters entered by the user. Power fail and
battery monitors offer user-selectable trip levels. The
time stamp function records the time and date of
switchover from VDD to VBAT power, and also from VBAT
to VDD power.
Features
• Embedded 32.768kHz Quartz Crystal in the Package
• 20 Ld DFN Package (for SOIC version, refer to the
ISL12022M)
•Calendar
• On-chip Oscillator Temperature Compensation
• 10-bit Digital Temperature Sensor Output
• 15 Selectable Frequency Outputs
• Interrupt for Alarm or 15 Selectable Frequency
Outputs
• Automatic Backup to Battery or Supercapacitor
• VDD and Battery Status Monitors
• Battery Reseal™ Function to Extend Battery Shelf
Life
• Power Status Brownout Monitor
• Time Stamp for Battery Switchover
• 128 Bytes Battery-Backed User SRAM
•I2C-Bus™
• RoHS Compliant
Applications*(see page 31)
• Utility Meters
•POS Equipment
• Printers and Copiers
•Digital Cameras
Typical Application Circuit
Performance Curve
X2
1
X2
2
X2
3
X2
4
X2
5
NC
6
VBAT
7
GND
8
NC
9
NC
10
SDA 11
SCL 12
IRQ/FOUT 13
VDD 14
ISL12020M
NC 15
X1 16
X1 17
X1 18
X1 19
X1 20
3.3V
R1
10k
R2
10k
R3
10k
C1
0.1µF
BAT54
SDA
SCL
MCU
GND
INTERFACE
VDD
BATTERY
3.0V
C2
0.1µF
SCHOTTKY DIODE
IRQ/FOUT
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
2040
6080
TEMPERATURE (°C)
VDD = 2.7V
VBAT = 5.5V
VDD = 3.3V
OSCILLATOR ERROR vs TEMPERATURE
February 11, 2010
FN6667.4


유사한 부품 번호 - ISL12020M

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12020M INTERSIL-ISL12020M Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12020M INTERSIL-ISL12020M Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL12020M INTERSIL-ISL12020M Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

유사한 설명 - ISL12020M

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com