전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54051 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL54051
상세설명  Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54051 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL54051 Datasheet HTML 1Page - Intersil Corporation ISL54051 Datasheet HTML 2Page - Intersil Corporation ISL54051 Datasheet HTML 3Page - Intersil Corporation ISL54051 Datasheet HTML 4Page - Intersil Corporation ISL54051 Datasheet HTML 5Page - Intersil Corporation ISL54051 Datasheet HTML 6Page - Intersil Corporation ISL54051 Datasheet HTML 7Page - Intersil Corporation ISL54051 Datasheet HTML 8Page - Intersil Corporation ISL54051 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN6459.3
October 19, 2009
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 6.5V
Input Voltages
NO, NC, IN (Note 6) . . . . . . . . . . . . . -0.5 to ((V+) + 0.5V)
Output Voltages
COM (Note 6) . . . . . . . . . . . . . . . . . -0.5 to ((V+) + 0.5V)
Continuous Current NO, NC, or COM. . . . . . . . . . . . ±300mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ± 600mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . >6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . >200V
Charged Device Model . . . . . . . . . . . . . . . . . . . . .>2.2kV
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
6 Ld µTDFN (Note 7) . . . . . . . . . .
175
N/A
6 Ld SOT-23 (Notes 7, 8) . . . . . . .
260
120
Maximum Junction Temperature (Plastic Package). . +150°C
Maximum Storage Temperature Range. . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
V+ (Positive DC Supply Voltage) . . . . . . . . . . . 1.8V to 5.5V
Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . 0V to V+
VIN (Digital Logic Input Voltage (IN) . . . . . . . . . . . 0V to V+
Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
6. Signals on NC, NO, IN, or COM exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum
current ratings.
7. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
8. For θJC, the “case temp” location is taken at the package top center.
Electrical Specifications - 5V Supply Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 9),
Unless Otherwise Specified. Boldface limits apply over the operating temperature
range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range,
VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 4.5V, ICOM = 100mA, VNO or
VNC = 0V to V+, (See Figure 4, Note 13)
25
-
0.86
-
Ω
Full
-
1
-
Ω
rON Flatness, rFLAT(ON)
V+ = 4.5V, ICOM = 100mA, VNO or
VNC = 0V to V+, (Notes 12, 13)
25
-
0.25
-
Ω
Full
-
0.27
-
Ω
NO or NC OFF Leakage
Current, INO(OFF) or
INC(OFF)
V+ = 5.5V, VCOM = 0.3V, 5V, VNO or
VNC = 5V, 0.3V
25
-10
5
10
nA
Full
-150
-
150
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 5.5V, VCOM = 0.3V, 5V, or VNO or
VNC = 0.3V, 5V, or floating
25
-20
9
20
nA
Full
-300
-
300
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω,
CL = 35pF (See Figure 1, Note 13)
25
-
24
-
ns
Full
-
30
-
ns
Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω,
CL = 35pF (See Figure 1, Note 13)
25
-
10
-
ns
Full
-
15
-
ns
Charge Injection, Q
VG = 0V, RG = 0Ω, CL = 1.0nF (See Figure 2) 25
-
26
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 100kHz,
VCOM = 1VRMS (See Figure 3)
25
-
80
-
dB
Total Harmonic Distortion f = 20Hz to 20kHz, VCOM = 0.5VP-P,
RL = 600Ω
25
-
0.012
-
%
-3dB Bandwidth
RL = 50Ω
25
-
190
-
MHz
NO or NC OFF
Capacitance, COFF
V+ = 4.5V, f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 5)
25
-
16
-
pF
ISL54051, ISL54052


유사한 부품 번호 - ISL54051

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54051 INTERSIL-ISL54051 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL54051 INTERSIL-ISL54051 Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
ISL54051IHZ-T INTERSIL-ISL54051IHZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051IHZ-T RENESAS-ISL54051IHZ-T Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results

유사한 설명 - ISL54051

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com