전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28196 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL28196
상세설명  Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output RRIO Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28196 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL28196 Datasheet HTML 1Page - Intersil Corporation ISL28196 Datasheet HTML 2Page - Intersil Corporation ISL28196 Datasheet HTML 3Page - Intersil Corporation ISL28196 Datasheet HTML 4Page - Intersil Corporation ISL28196 Datasheet HTML 5Page - Intersil Corporation ISL28196 Datasheet HTML 6Page - Intersil Corporation ISL28196 Datasheet HTML 7Page - Intersil Corporation ISL28196 Datasheet HTML 8Page - Intersil Corporation ISL28196 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6152.3
November 5, 2007
FIGURE 5. ISL28196 PROP DELAY vs SUPPLY VOLTAGE
(FALLING EDGE)
FIGURE 6. ISL28197 PROP DELAY vs SUPPLY VOLTAGE
(FALLING EDGE)
FIGURE 7. ISL28196 PROP DELAY vs OVERDRIVE
(RISING EDGE)
FIGURE 8. ISL28197 PROP DELAY vs OVERDRIVE
(RISING EDGE)
FIGURE 9. ISL28196 PROP DELAY vs OVERDRIVE
(FALLING EDGE)
FIGURE 10. ISL28197 PROP DELAY vs OVERDRIVE
(FALLING EDGE)
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, unless otherwise specified. (Continued)
0
50
100
150
200
250
300
350
RL = 10kΩ
OD = 20mV
OD = 100mV
RL TO GND
RL TO V+
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
RL TO GND
RL TO V+
RL TO GND
RL = 10kΩ
OD = 20mV
OD = 100mV
RL TO V+
0
200
400
600
800
1000
1200
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
RL TO GND
RL TO V+
0
100
200
300
400
500
600
700
800
900
1
10
100
1000
OVERDRIVE (mV)
V+ = 2V
V+ = 5V
RL TO V+
RL TO GND
RL = 10kΩ
0
500
1000
1500
2000
2500
3000
3500
1
10
100
1000
OVERDRIVE (mV)
V+ = 5V
RL TO GND
V+ = 2V
RL = 10kΩ
RL TO V+
0
100
200
300
400
500
600
700
800
900
1
10
100
1000
OVERDRIVE (mV)
V+ = 2V
V+ = 5V
RL TO V+
RL TO GND
RL = 10kΩ
0
500
1000
1500
2000
2500
3000
RL TO V+
V+ = 5V
V+ = 2V
1
10
100
1000
OVERDRIVE (mV)
RL = 10kΩ
RL TO GND
ISL28196, ISL28197


유사한 부품 번호 - ISL28196

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28196 RENESAS-ISL28196 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
ISL28196FHZ-T7 RENESAS-ISL28196FHZ-T7 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
ISL28196FRUZ-T7 RENESAS-ISL28196FRUZ-T7 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
More results

유사한 설명 - ISL28196

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28196 RENESAS-ISL28196 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com