전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54501IHZ-T 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL54501IHZ-T
상세설명  1.8V to 5.5V, 5OHM, Single SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54501IHZ-T 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL54501IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL54501IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6550.2
October 26, 2009
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 6.5V
Input Voltages
NO, NC, IN (Note 6) . . . . . . . . . . . . -0.5V to ((V+) + 0.5V)
Output Voltages
COM (Note 6) . . . . . . . . . . . . . . . . -0.5V to ((V+) + 0.5V)
Continuous Current NO, NC, or COM. . . . . . . . . . . . ±300mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . ±600mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . >6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . >200V
Charged Device Model . . . . . . . . . . . . . . . . . . . . .>2.2kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC(°C/W)
6 Ld µTDFN Pkg. (Notes 7, 9) . . . .
239.2
111.6
6 Ld SOT-23 Pkg. (Note 8, 9). . . . .
260
120
Maximum Junction Temperature (Plastic Package). . +150°C
Maximum Storage Temperature Range. . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
V+ (Positive DC Supply Voltage) . . . . . . . . . . . 1.8V to 5.5V
Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . 0V to V+
VIN (Digital Logic Input Voltage (IN) . . . . . . . . . . . 0V to V+
Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
6. Signals on NC, NO, IN, or COM exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum
current ratings.
7. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
8. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
9. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.0V, VINL = 0.8V
(Note 10), Unless Otherwise Specified. Boldface limits apply over the operat-
ing temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12)
TYP
MAX
(Notes 11, 12) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range,
VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 4.5V, ICOM = 100mA, VNO or VNC = 0V
to V+, (Note 14, see Figure 4)
25
-
4.2
5
Ω
Full
-
-
6
Ω
rON Flatness, rFLAT(ON)
V+ = 4.5V, ICOM = 100mA, VNO or VNC = 0V
to V+, (Notes 13, 14)
25
-
1.1
1.3
Ω
Full
-
-
1.5
Ω
NO or NC OFF Leakage
Current, INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 0.3V, 5V, VNO or
VNC =5V, 0.3V
25
-25
1.2
25
nA
Full
-150
-
150
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 5.5V, VCOM = 0.3V, 5V, or VNO or
VNC = 0.3V, 5V, or Floating
25
-30
1.7
30
nA
Full
-300
-
300
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω,
CL = 35pF (see Figure 1, Note 14)
25
-
22
-
ns
Full
-
23
-
ns
Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω,
CL = 35pF (see Figure 1, Note 14)
25
-
15
-
ns
Full
-
15
-
ns
Break-Before-Make Time
Delay, tD
V+ = 5.5V, VNO or VNC = 3.0V, RL = 50Ω,
CL = 35pF (see Figure 3, Note 14)
Full
-
18
-
ns
Charge Injection, Q
VG = 0V, RG = 0Ω, CL = 1.0nF (see Figure 2)
25
-
16
-
pC
OFF-Isolation
L = 50Ω, CL = 5pF, f = 1MHz, VCOM = 1VP-P
(see Figure 3)
25
-
75
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 32Ω
25
-
0.12
-
%
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 600Ω
25
-
0.01
-
%
-3dB Bandwidth
Signal = 0dBm, RL = 50Ω
25
-
350
-
MHz
ISL54501, ISL54502


유사한 부품 번호 - ISL54501IHZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54501IHZ-T RENESAS-ISL54501IHZ-T Datasheet
683Kb / 13P
   1.62V to 5.5V, 5廓, Single SPST Analog Switches
More results

유사한 설명 - ISL54501IHZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4604 MAXIM-MAX4604 Datasheet
202Kb / 12P
   5ohm, Quad, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Renesas Technology Corp
ISL54501 RENESAS-ISL54501 Datasheet
683Kb / 13P
   1.62V to 5.5V, 5廓, Single SPST Analog Switches
logo
Analog Devices
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4675 MAXIM-MAX4675 Datasheet
195Kb / 8P
   3??Single SPST Analog Switches
Rev 0; 7/00
logo
Renesas Technology Corp
ISL54503 RENESAS-ISL54503 Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com