전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22512 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL22512
상세설명  Single Push Button Controlled Potentiometer XDCP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22512 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL22512 Datasheet HTML 1Page - Intersil Corporation ISL22512 Datasheet HTML 2Page - Intersil Corporation ISL22512 Datasheet HTML 3Page - Intersil Corporation ISL22512 Datasheet HTML 4Page - Intersil Corporation ISL22512 Datasheet HTML 5Page - Intersil Corporation ISL22512 Datasheet HTML 6Page - Intersil Corporation ISL22512 Datasheet HTML 7Page - Intersil Corporation ISL22512 Datasheet HTML 8Page - Intersil Corporation ISL22512 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN6679.0
March 24, 2008
Absolute Maximum Ratings
Thermal Information
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at PU and PD Pin with Respect to GND . -0.3V to VCC + 0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Voltage at any DCP Pin with Respect to GND. . . . . . . . -0.3V to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup . . . . . . . . . . . . . . . . . . . . . . . . . Class II, Level A @ +125°C
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance (Typical, Notes 3, 4)
θ
JA (°C/W)
θ
JC (°C/W)
10 Lead µTQFN . . . . . . . . . . . . . . . . .
150
48.3
8 Lead SOIC . . . . . . . . . . . . . . . . . . . .
120
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Extended Industrial). . . . . . . . -40°C to +125°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mW
Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3.0mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4.
θ
JC is for the location in the center of the exposed metal pad on the package underside.
Potentiometer Specifications Over recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 5)
MAX
(Note 18)
UNIT
RTOTAL
RH to RL Resistance
W option
10
k
Ω
U option
50
k
Ω
RH to RL Resistance Tolerance
-20
+20
%
End-to-End Temperature Coefficient W option
±80
ppm/°C
(Note 16)
U option
±125
ppm/°C
(Note 16)
RW
Wiper Resistance
VCC = 3.3V, wiper current IRW = VCC/RTOTAL
130
400
Ω
VRH, VRL
VRH and VRL Terminal Voltages
VRH and VRL to GND
0
VCC
V
Noise on Wiper Terminal
From 0Hz to 10MHz
-80
dBV
CH/CL/CW
(Note 17)
Potentiometer Capacitance
10/10/25
pF
ILkgDCP
Leakage on DCP Pins
Voltage at pin from GND to VCC
0.05
0.4
µA
VOLTAGE DIVIDER MODE (0V @ RL; VCC @ RH; measured at RW unloaded)
INL
(Note 10)
Integral Non-Linearity
-1
1
LSB
(Note 6)
DNL
(Note 9)
Differential Non-Linearity
Monotonic over all tap positions
-0.5
0.5
LSB
(Note 6)
ZSerror
(Note 7)
Zero-scale Error
W option
0
0.1
2
LSB
(Note 6)
U option
0
0.1
1
FSerror
(Note 8)
Full-scale Error
W option
-2
-0.1
0
LSB
(Note 6)
U option
-1
-0.1
0
TCV
(Note 11)
Ratiometric Temperature Coefficient Wiper from 5 hex to 1F hex for W and U
option
±25
ppm/°C
fCUTOFF
3dB Cut-Off Frequency
Wiper at the middle scale, W option
500
kHz
Wiper at the middle scale, U option
75
kHz
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 15)
Integral Non-Linearity
DCP register set between 1 hex and 1F hex;
monotonic over all tap positions; W option
-1.5
1.5
MI
(Note 12)
DCP register set between 1 hex and 1F hex;
monotonic over all tap positions; U option
-1
1
MI
(Note 12)
RDNL
(Note 14)
Differential Non-Linearity
W and U option
-0.5
0.5
MI
(Note 12)
ISL22512


유사한 부품 번호 - ISL22512

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22512 INTERSIL-ISL22512 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL22512WFB8Z INTERSIL-ISL22512WFB8Z Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
logo
Renesas Technology Corp
ISL22512WFB8Z RENESAS-ISL22512WFB8Z Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL22512WFRU10Z-TK INTERSIL-ISL22512WFRU10Z-TK Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
More results

유사한 설명 - ISL22512

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com