전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL4223EIRZ 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL4223EIRZ
상세설명  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4223EIRZ 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL4223EIRZ Datasheet HTML 1Page - Intersil Corporation ISL4223EIRZ Datasheet HTML 2Page - Intersil Corporation ISL4223EIRZ Datasheet HTML 3Page - Intersil Corporation ISL4223EIRZ Datasheet HTML 4Page - Intersil Corporation ISL4223EIRZ Datasheet HTML 5Page - Intersil Corporation ISL4223EIRZ Datasheet HTML 6Page - Intersil Corporation ISL4223EIRZ Datasheet HTML 7Page - Intersil Corporation ISL4223EIRZ Datasheet HTML 8Page - Intersil Corporation ISL4223EIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6045.3
ISL3232E, ISL4221E, ISL4223E
QFN Packaged, ±15kV ESD Protected,
+2.7V to +5.5V, 150nA, 250kbps, RS-232
Transmitters/Receivers
The Intersil ISL3232E and ISL4221E, ISL4223E devices are
2.7V to 5.5V powered RS-232 transmitters/receivers which
meet ElA/TIA-232 and V.28/V.24 specifications, even at
VCC = 3.0V. Additionally, they provide ±15kV ESD protection
(IEC61000-4-2 Air Gap and Human Body Model) on
transmitter outputs and receiver inputs (RS-232 pins).
Targeted applications are PDAs, Palmtops, and hand-held
products where the low operational, and even lower standby,
power consumption is critical. Efficient on-chip charge pumps,
coupled with manual and automatic power-down functions,
reduce the standby supply current to a 150nA trickle. Tiny
5mmx5mm Quad Flat No-Lead (QFN) packaging and the
use of small, low value capacitors ensure board space
savings as well. Data rates greater than 250kbps are
guaranteed at worst case load conditions.
The ISL4221E is a 1 driver, 1 receiver device and the
ISL3232E and ISL4223E are 2 driver, 2 receiver devices
that, coupled with the 5mmx5mm QFN package, provide the
industry’s smallest, lowest power serial port suitable for
PDAs, and hand-held applications. The 5mmx5mm QFN
requires 40% less board area than a 20 Ld TSSOP, and is
nearly 20% thinner.
The ISL4221E, ISL4223E versions feature an automatic
power-down function that powers down the on-chip power
supply and driver circuits. This occurs when an attached
peripheral device is shut off or the RS-232 cable is removed,
conserving system power automatically without changes to
the hardware or operating system. It powers up again when
a valid RS-232 voltage is applied to any receiver input.
Table 1 summarizes the features of the IC’s, while
Application Note AN9863 summarizes the features of each
device comprising the 3V RS-232 family.
Features
• Available in Near Chip Scale QFN (5mmx5mm) Package,
which is 40% Smaller than a 20 Ld TSSOP
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• RS-232 Compatible with VCC = 2.7V
• On-Chip Voltage Converters Require Only Four External
0.1µF Capacitors
• Manual and Automatic Power-down Features (Except
ISL3232E)
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Wide Power Supply Range . . . . . . Single +2.7V to +5.5V
• Low Supply Current in Power-down State . . . . . . . . 150nA
• Pb-Free Available (RoHS Compliant)
Applications
• Any Space Constrained System Requiring RS-232 Ports
- Battery Powered, and Portable Equipment
- Hand-Held Products (GPS Receivers, Bar Code
Scanners, etc.)
- PDAs and Palmtops, Data Cables
- Cellular/Mobile Phones, Digital Cameras
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
• Technical Brief TB379 “Thermal Characterization of
Packages for ICs”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
NO. OF
Tx.
NO. OF
Rx.
QFN PKG.
AVAILABLE?
DATA RATE
(kbps)
Rx. ENABLE
FUNCTION?
MANUAL
POWER-DOWN?
AUTOMATIC POWER-DOWN
FUNCTION?
ISL4221E
1
1
YES
250
YES
YES
YES
ISL3232E
2
2
YES
250
NO
NO
NO
ISL4223E
2
2
YES
250
YES
YES
YES
Data Sheet
February 13, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004, 2007, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL4223EIRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL4223EIRZ INTERSIL-ISL4223EIRZ Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4223EIRZ INTERSIL-ISL4223EIRZ Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL4223EIRZ INTERSIL-ISL4223EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4223EIRZ RENESAS-ISL4223EIRZ Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4223EIRZ-T INTERSIL-ISL4223EIRZ-T Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
More results

유사한 설명 - ISL4223EIRZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com