전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL4243EIR-T 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL4243EIR-T
상세설명  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4243EIR-T 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL4243EIR-T Datasheet HTML 3Page - Intersil Corporation ISL4243EIR-T Datasheet HTML 4Page - Intersil Corporation ISL4243EIR-T Datasheet HTML 5Page - Intersil Corporation ISL4243EIR-T Datasheet HTML 6Page - Intersil Corporation ISL4243EIR-T Datasheet HTML 7Page - Intersil Corporation ISL4243EIR-T Datasheet HTML 8Page - Intersil Corporation ISL4243EIR-T Datasheet HTML 9Page - Intersil Corporation ISL4243EIR-T Datasheet HTML 10Page - Intersil Corporation ISL4243EIR-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN8037.7
June 10, 2010
Detailed Description
The ISL4241E and ISL4243E both operate from a single
+2.7V to +5.5V supply, guarantee a 250kbps minimum data
rate, require only four small external 0.1µF capacitors,
feature low power consumption, and meet all ElA RS-232C
and V.28 specifications even with VCC = 3.0V. The circuit is
divided into three sections: The charge pump, the
transmitters, and the receivers.
Charge-Pump
Intersil’s new ISL4241E, ISL4243E devices utilize regulated
on-chip dual charge pumps as voltage doublers, and voltage
inverters to generate ±5.5V transmitter supplies from a VCC
supply as low as 3.0V. This allows them to maintain RS-232
compliant output levels over the ±10% tolerance range of
3.3V powered systems. The efficient on-chip power supplies
require only four small, external 0.1µF capacitors for the
voltage doubler and inverter functions. The charge pumps
operate discontinuously (i.e., they turn off as soon as the V+
and V- supplies are pumped up to the nominal values),
resulting in significant power savings.
Transmitters
The transmitters are proprietary, low dropout, inverting
drivers that translate TTL/CMOS inputs to EIA/TIA-232
output levels. Coupled with the on-chip ±5.5V supplies,
these transmitters deliver true RS-232 levels over a wide
range of single supply system voltages.
All transmitter outputs disable and assume a high
impedance state when the device enters the power-down
mode (see Table 2). These outputs may be driven to ±12V
when disabled.
The devices guarantee a 250kbps data rate for full load
conditions (3k
Ω and 1000pF), VCC ≥ 3.0V, with one
transmitter operating at full speed. Under more typical
conditions of VCC ≥ 3.3V, RL = 3kΩ, and CL = 250pF, one
transmitter easily operates at 900kbps.
Transmitter inputs float if left unconnected, and may cause
ICC increases. Connect unused inputs to GND for the best
performance.
Receivers
All the ISL4241E, ISL4243E’s devices contain standard
inverting receivers that are three-state via the EN or
FORCEOFF control lines. Additionally, the ISL4241E,
ISL4243E’s products include noninverting (monitor)
receivers (denoted by the ROUTB label) that are always
active, regardless of the state of any control lines. All the
receivers convert RS-232 signals to CMOS output levels and
accept inputs up to
±25V while presenting the required 3kΩ
to 7k
Ω input impedance (see Figure 1) even if the power is
off (VCC = 0V). The receivers’ Schmitt trigger input stage
uses hysteresis to increase noise immunity and decrease
errors due to slow input signal transitions.
The ISL4241E inverting receivers disable only when EN is
driven high. ISL4243E receivers disable during forced
(manual) power-down, but not during automatic power-down
(see Table 2).
Transition Region Slew Rate
VCC = 3V to 3.6V, RL = 3kΩ to 7kΩ,
Measured From 3V to -3V or -3V to 3V
CL = 150pF to
2500pF
25
4
9
30
V/µs
Full
4
8
30
V/µs
CL = 150pF to
1000pF
25
6
11
30
V/µs
Full
6
10
30
V/µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
Human Body Model
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge
25
-
±8
-
kV
IEC61000-4-2 Air Gap Discharge
25
-
±15
-
kV
All Other Pins
Human Body Model
25
-
±2
-
kV
NOTE:
3. Transmitter skew is measured at the transmitter zero crossing points.
4. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 to C4 = 0.1µF; Unless Otherwise Specified.
Typicals are at TA = +25°C (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 4)
TYP
MAX
(Note 4) UNITS
RXOUT
GND
≤ VROUT ≤ VCC
5k
Ω
RXIN
-25V
≤ VRIN ≤ +25V
GND
VCC
FIGURE 1.
INVERTING RECEIVER CONNECTIONS
ISL4241E, ISL4243E


유사한 부품 번호 - ISL4243EIR-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL4243EIR-T RENESAS-ISL4243EIR-T Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
More results

유사한 설명 - ISL4243EIR-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL3241E INTERSIL-ISL3241E Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com