전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL12030 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL12030
상세설명  Low Power RTC with 50/60 Cycle AC Input, Alarms and Daylight Savings Correction
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12030 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL12030 Datasheet HTML 2Page - Intersil Corporation ISL12030 Datasheet HTML 3Page - Intersil Corporation ISL12030 Datasheet HTML 4Page - Intersil Corporation ISL12030 Datasheet HTML 5Page - Intersil Corporation ISL12030 Datasheet HTML 6Page - Intersil Corporation ISL12030 Datasheet HTML 7Page - Intersil Corporation ISL12030 Datasheet HTML 8Page - Intersil Corporation ISL12030 Datasheet HTML 9Page - Intersil Corporation ISL12030 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN6617.0
December 14, 2007
SDA vs SCL Timing
Symbol Table
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
WAVEFORM
INPUTS
OUTPUTS
Must be steady
Will be steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes Allowed
Changing:
State Not Known
N/A
Center Line is
High Impedance
FIGURE 1. STANDARD OUTPUT LOAD FOR TESTING THE
DEVICE WITH VDD = 5.0V
SDA
AND
IRQ
1533
Ω
100pF
5.0V
FOR VOL= 0.4V
AND IOL = 3mA
EQUIVALENT AC OUTPUT LOAD CIRCUIT FOR VDD = 5V
ISL12030


유사한 부품 번호 - ISL12030

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12030 INTERSIL-ISL12030 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12030 INTERSIL-ISL12030 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12030 RENESAS-ISL12030 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
More results

유사한 설명 - ISL12030

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL12032 RENESAS-ISL12032 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
ISL12030 RENESAS-ISL12030 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
logo
Intersil Corporation
ISL12032 INTERSIL-ISL12032 Datasheet
348Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up
logo
STMicroelectronics
STM32L431XX STMICROELECTRONICS-STM32L431XX Datasheet
2Mb / 200P
   RTC with HW calendar, alarms and calibration
May 2016 Rev 1
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
   SERIAL ACCESS RTC WITH ALARMS
logo
Bel Fuse Inc.
PET800-12-0740A BEL-PET800-12-0740A Datasheet
1Mb / 20P
   AC Input With Power Factor Correction
PFE1100-12-054XA BEL-PFE1100-12-054XA Datasheet
2Mb / 25P
   AC input with power factor correction
PET1600-12-074NA BEL-PET1600-12-074NA Datasheet
1Mb / 25P
   AC input with power factor correction
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com