전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21032CPH306Z-TK 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL21032CPH306Z-TK
상세설명  Precision 0.600V Low Voltage FGA References
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21032CPH306Z-TK 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL21032CPH306Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21032CPH306Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21032CPH306Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21032CPH306Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21032CPH306Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21032CPH306Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21032CPH306Z-TK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FN6239.2
September 28, 2009
FIGURE 7. LINE TRANSIENT RESPONSE, CL = 1nF
FIGURE 8. PSRR vs f vs CL
FIGURE 9. LOAD REGULATION vs TEMP
FIGURE 10. LOAD TRANSIENT RESPONSE @ IL = 50µA,
CL =1nF
FIGURE 11. LOAD TRANSIENT RESPONSE @ IL =7mA,
CL =1nF
FIGURE 12. TURN-ON TIME @ TA = +25°C
Typical Performance Curves, ISL21032 Low Voltage Output Reference
VIN = 3.0V, IOUT = 0mA, TA = +25°C Unless Otherwise Specified (Continued)
1ms/DIV
CL = 500pF
DVIN = -0.3V
DVIN = +0.3V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
NO LOAD
100nF LOAD
10nF LOAD
1nF LOAD
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
-7
-6
-5
-4
-3
-2
-1
0
123456
7
+130°C
-40°C
+25°C
SINKING
OUTPUT CURRENT
SOURCING
20µs/DIV
IL = -50µA
IL = +50µA
1ms/DIV
DVIN = -7mA
DVIN = +7mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
TIME (ms)
VOUT, IIN =10µA
VIN
ISL21032


유사한 부품 번호 - ISL21032CPH306Z-TK

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL21032CPH306Z-TK RENESAS-ISL21032CPH306Z-TK Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results

유사한 설명 - ISL21032CPH306Z-TK

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com