전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ590LS 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 2SJ590LS
상세설명  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ590LS 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  2SJ590LS Datasheet HTML 1Page - Sanyo Semicon Device 2SJ590LS Datasheet HTML 2Page - Sanyo Semicon Device 2SJ590LS Datasheet HTML 3Page - Sanyo Semicon Device 2SJ590LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ590LS
No.7149-3/4
--0.1
--10
--100
--1.0
2
3
5
7
2
3
5
7
2
3
5
7
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0
0
20
40
60
80
100
120
140
160
0
0
0.5
1.0
1.5
2.5
2.0
PD -- Ta
A S O
IT04181
0
0
20
40
60
80
100
120
140
160
0
0
5
10
15
20
25
30
PD -- Tc
IT04182
IT04180
--10
--100
--1.0
--0.1
23
5
7
23
5
7
23
5
7
0
--10
--20
--30
--40
--50
--70
--60
1000
10000
100
10
2
3
5
7
2
3
5
7
2
3
5
7
--0.1
IT04178
Ciss, Coss, Crss -- VDS
--1.0
--10
--0.01
2
3
5
7
2
3
5
7
2
3
5
7
--100
2
3
5
7
IT04176
IF -- VSD
IT04175
--0.01
--0.00123
7
5
--0.1
23
7
5
--1.0
23
7
5
--10
23
7
5
--100
23
7
5
0.1
0.01
2
3
5
7
1.0
2
3
5
7
10
2
3
5
7
100
2
3
5
7
yfs -- ID
VGS=0
SW Time -- ID
IT04177
10
--0.1
23
5
7 --1.0
23
23
57 --1.0
5
3
2
7
5
3
2
100
0
0
--2
--4
--6
--8
60
40
20
30
525
35
50
45
55
10
15
--12
--10
VGS -- Qg
IT04179
VDS= --10V
ID= --20A
DC
operation
100
µ
s
1ms
10ms
IDP= --80A
Operation in this area
is limited by RDS(on).
ID= --20A
100ms
VDS= --10V
Tc=
--25
°C
75°
C
25°
C
Ciss
Coss
Crss
td(on)
td(off)
t r
tf
f=1MHz
VDD= --30V
VGS= --10V
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
Drain-to-Source Voltage, VDS -- V
No
heat
sink
Tc=25
°C
Single pulse


유사한 부품 번호 - 2SJ590LS

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SJ591 SANYO-2SJ591 Datasheet
32Kb / 4P
   DC / DC Converter Applications
2SJ591LS SANYO-2SJ591LS Datasheet
32Kb / 4P
   DC / DC Converter Applications
2SJ594 SANYO-2SJ594 Datasheet
31Kb / 4P
   DC / DC Converter Applications
2SJ595 SANYO-2SJ595 Datasheet
47Kb / 4P
   2SJ595
2SJ596 SANYO-2SJ596 Datasheet
29Kb / 4P
   DC / DC Converter Applications
More results

유사한 설명 - 2SJ590LS

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com