전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM26001BMH 데이터시트(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM26001BMH
상세설명  1.5A Switching Regulator with High Efficiency Sleep Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26001BMH 데이터시트(HTML) 9 Page - National Semiconductor (TI)

Back Button LM26001BMH Datasheet HTML 5Page - National Semiconductor (TI) LM26001BMH Datasheet HTML 6Page - National Semiconductor (TI) LM26001BMH Datasheet HTML 7Page - National Semiconductor (TI) LM26001BMH Datasheet HTML 8Page - National Semiconductor (TI) LM26001BMH Datasheet HTML 9Page - National Semiconductor (TI) LM26001BMH Datasheet HTML 10Page - National Semiconductor (TI) LM26001BMH Datasheet HTML 11Page - National Semiconductor (TI) LM26001BMH Datasheet HTML 12Page - National Semiconductor (TI) LM26001BMH Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Operation Description
GENERAL
The LM26001B is a current mode PWM buck regulator. At the
beginning of each clock cycle, the internal high-side switch
turns on, allowing current to ramp up in the inductor. The in-
ductor current is internally monitored during each switching
cycle. A control signal derived from the inductor current is
compared to the voltage control signal at the COMP pin, de-
rived from the feedback voltage. When the inductor current
reaches the threshold, the high-side switch is turned off and
inductor current ramps down. While the switch is off, inductor
current is supplied through the catch diode. This cycle repeats
at the next clock cycle. In this way, duty cycle and output volt-
age are controlled by regulating inductor current. Current
mode control provides superior line and load regulation. Other
benefits include cycle by cycle current limiting and a simplified
compensation scheme. Typical PWM waveforms are shown
in Figure 1.
30001919
FIGURE 1. PWM Waveforms
1A Load, Vin = 12V
SLEEP MODE
In light load conditions, the LM26001B automatically switches
into sleep mode for improved efficiency. As loading decreas-
es, the voltage at FB increases and the COMP voltage de-
creases. When the COMP voltage reaches the 0.6V (typical)
clamp threshold, and the FB voltage rises 1% above nominal,
sleep mode is enabled and switching stops. The regulator re-
mains in sleep mode until the FB voltage falls to the reset
threshold, at which point switching resumes. This 1% FB win-
dow limits the corresponding output ripple to approximately
1% of nominal output voltage. The sleep cycle will repeat until
load current is increased. Figure 2 shows typical switching
and output voltage waveforms in sleep mode.
30001920
FIGURE 2. Sleep Mode Waveforms
25mA Load, Vin = 12V
In sleep mode, quiescent current is reduced to less than 40
µA when not switching. The DC sleep mode threshold can be
calculated according to the equation below:
Where Imin=Ilim/16 (2.5A/16 typically) and D=duty cycle, de-
fined as (Vout+Vdiode)/Vin.
When load current increases above this limit, the LM26001B
is forced back into PWM operation. The sleep mode threshold
varies with frequency, inductance, and duty cycle as shown
in Figure 3.
30001922
FIGURE 3. Sleep Mode Threshold vs Vin
Vout = 3.3V
FPWM
Pulling the FPWM pin high disables sleep mode and forces
the LM26001B to always operate in PWM mode. Light load
efficiency is reduced in PWM mode, but switching frequency
remains stable. The FPWM pin can be connected to the VDD
pin to pull it high. In FPWM mode, under light load conditions,
the regulator operates in discontinuous conduction mode
(DCM) . In discontinuous conduction mode, current through
the inductor starts at zero and ramps up to its peak, then
9
www.national.com


유사한 부품 번호 - LM26001BMH

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM26001BMH/NOPB TI-LM26001BMH/NOPB Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001BMHX/NOPB TI-LM26001BMHX/NOPB Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
More results

유사한 설명 - LM26001BMH

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com