전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC573BQ 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74AHC573BQ
상세설명  Octal D-type transparant latch; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC573BQ 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC573BQ Datasheet HTML 2Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 3Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 4Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 5Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 6Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 7Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 8Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 9Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74AHC_AHCT573_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 March 2010
6 of 19
NXP Semiconductors
74AHC573; 74AHCT573
Octal D-type transparant latch; 3-state
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
74AHC573
VCC
supply voltage
2.0
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC = 3.0 V to 3.6 V
-
-
100
ns/V
VCC = 4.5 V to 5.5 V
-
-
20
ns/V
74AHCT573
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC = 4.5 V to 5.5 V
-
-
20
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Typ
Max
74AHC573
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
-
1.65
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = −50 μA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
-
V
IO = −50 μA; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
-
V
IO = −50 μA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.40
-
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
3.80
-
3.70
-
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 50 μA; VCC = 2.0 V
-
0
0.1
-
0.1
-
-
0.1
V
IO = 50 μA; VCC = 3.0 V
-
0
0.1
-
0.1
-
-
0.1
V
IO = 50 μA; VCC = 4.5 V
-
0
0.1
-
0.1
-
-
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.36
-
0.44
-
-
0.55
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
-
0.55
V


유사한 부품 번호 - 74AHC573BQ

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AHC573BQ NEXPERIA-74AHC573BQ Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
74AHC573BQ-Q100 NEXPERIA-74AHC573BQ-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
74AHC573BQ-Q100 NEXPERIA-74AHC573BQ-Q100 Datasheet
280Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 13 July 2020
More results

유사한 설명 - 74AHC573BQ

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC_AHCT573 PHILIPS-74AHC_AHCT573_15 Datasheet
139Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 7-8 November 2011
74AHC373 NXP-74AHC373_08 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHC_AHCT373 PHILIPS-74AHC_AHCT373_15 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
   3-STATE Octal D-Type Latch
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com