전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC573BQ 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74AHC573BQ
상세설명  Octal D-type transparant latch; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC573BQ 데이터시트(HTML) 1 Page - NXP Semiconductors

  74AHC573BQ Datasheet HTML 1Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 2Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 3Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 4Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 5Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 6Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 7Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 8Page - NXP Semiconductors 74AHC573BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74AHC573; 74AHCT573 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7A.
The 74AHC573; 74AHCT573 consists of eight D-type transparent latches featuring
separate D-type inputs for each latch and 3-state true outputs for bus oriented
applications. A latch enable input (LE) and an output enable input (OE) are common to all
latches.
When pin LE is HIGH, data at the Dn inputs enters the latches. In this condition the
latches are transparent, i.e. a latch output will change state each time its corresponding
Dn input changes. When pin LE is LOW, the latches store the information that is present
at the Dn inputs, after a set-up time preceding the HIGH-to-LOW transition of LE.
When pin OE is LOW, the contents of the 8 latches are available at the outputs. When
pin OE is HIGH, the outputs go to the high-impedance OFF-state. Operation of the OE
input does not affect the state of the latches.
The 74AHC573; 74AHCT573 is functionally identical to the 74AHC373; 74AHCT373, but
has a different pin arrangement.
2.
Features and benefits
Balanced propagation delays
All inputs have a Schmitt trigger action
Common 3-state output enable input
Functionally identical to the 74AHC373; 74AHCT373
Inputs accept voltages higher than VCC
Input levels:
For 74AHC573: CMOS input level
For 74AHCT573: TTL input level
ESD protection:
HBM EIA/JESD22-A114E exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V
CDM EIA/JESD22-C101C exceeds 1000 V
Multiple package options
Specified from
−40 °C to +85 °C and from −40 °C to +125 °C
74AHC573; 74AHCT573
Octal D-type transparant latch; 3-state
Rev. 05 — 25 March 2010
Product data sheet


유사한 부품 번호 - 74AHC573BQ

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AHC573BQ NEXPERIA-74AHC573BQ Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
74AHC573BQ-Q100 NEXPERIA-74AHC573BQ-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
74AHC573BQ-Q100 NEXPERIA-74AHC573BQ-Q100 Datasheet
280Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 13 July 2020
More results

유사한 설명 - 74AHC573BQ

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC_AHCT573 PHILIPS-74AHC_AHCT573_15 Datasheet
139Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 7-8 November 2011
74AHC373 NXP-74AHC373_08 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHC_AHCT373 PHILIPS-74AHC_AHCT373_15 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
   3-STATE Octal D-Type Latch
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com