전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT126BQ 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 74AHCT126BQ
상세설명  Quad buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT126BQ 데이터시트(HTML) 1 Page - NXP Semiconductors

  74AHCT126BQ Datasheet HTML 1Page - NXP Semiconductors 74AHCT126BQ Datasheet HTML 2Page - NXP Semiconductors 74AHCT126BQ Datasheet HTML 3Page - NXP Semiconductors 74AHCT126BQ Datasheet HTML 4Page - NXP Semiconductors 74AHCT126BQ Datasheet HTML 5Page - NXP Semiconductors 74AHCT126BQ Datasheet HTML 6Page - NXP Semiconductors 74AHCT126BQ Datasheet HTML 7Page - NXP Semiconductors 74AHCT126BQ Datasheet HTML 8Page - NXP Semiconductors 74AHCT126BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74AHC126; 74AHCT126 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7-A.
The 74AHC126; 74AHCT126 provides four non-inverting buffer/line drivers with 3-state
outputs. The 3-state outputs (nY) are controlled by the output enable input (nOE).
A LOW-level at pin nOE causes the outputs to assume a high-impedance OFF-state.
The 74AHC126; 74AHCT126 is identical to the 74AHC125; 74AHCT125 but has active
HIGH output enable inputs.
2.
Features
I Balanced propagation delays
I All inputs have Schmitt-trigger action
I Inputs accept voltages higher than VCC
I Input levels:
N For 74AHC126: CMOS level
N For 74AHCT126: TTL level
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
74AHC126; 74AHCT126
Quad buffer/line driver; 3-state
Rev. 04 — 12 August 2009
Product data sheet


유사한 부품 번호 - 74AHCT126BQ

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AHCT126BQ NEXPERIA-74AHCT126BQ Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
74AHCT126BQ-Q100 NEXPERIA-74AHCT126BQ-Q100 Datasheet
715Kb / 16P
   Quad buffer/line driver; 3-state
More results

유사한 설명 - 74AHCT126BQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com