전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21070CIH310Z-TK 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL21070CIH310Z-TK
상세설명  25關A Micropower Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070CIH310Z-TK 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL21070CIH310Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ISL21070
7
FN7599.0
March 19, 2010
FIGURE 8. LINE TRANSIENT RESPONSE, WITH NO
CAPACITIVE LOAD
FIGURE 9. LOAD REGULATION OVER-TEMPERATURE
FIGURE 10. LOAD TRANSIENT RESPONSE
FIGURE 11. LOAD TRANSIENT RESPONSE
FIGURE 12. DROPOUT
FIGURE 13. TURN-ON TIME
Typical Performance Characteristics Curves V
OUT = 2.5V, VIN = 3V, IOUT = 0mA, TA = +25°C
unless otherwise specified. (Continued)
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
50 100 150 200 250 300 350 400 450 500
TIME (µs)
ΔVIN = -0.3V
ΔVIN = +0.3V
-100
-80
-60
-40
-20
0
20
40
60
80
100
-10 -9-8-7 -6-5-4-3-2-1 0
10
LOAD (mA)
SINKING
SOURCING
12 3456789
+25°C
-40°C
-85°C
-500
-400
-300
-200
-100
0
100
200
300
400
500
0
20
40
60
80 100 120 140 160 180 200
TIME (µs)
ILOAD = -10mA
ILOAD = +10mA
-200
-160
-120
-80
-40
0
40
80
120
160
200
0
20
40
60
80 100 120 140 160 180 200
TIME (µs)
ILOAD = -50mA
ILOAD = +50mA
2.490
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
2.508
2.510
2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0
VIN (V)
NO LOAD
10mA LOAD
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
300
TIME (µs)
TYP
LOW
HIGH
VDD


유사한 부품 번호 - ISL21070CIH310Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
logo
Renesas Technology Corp
ISL21070CIH320Z-TK RENESAS-ISL21070CIH320Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
More results

유사한 설명 - ISL21070CIH310Z-TK

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070_11 Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com