전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD243P7 데이터시트(PDF) 2 Page - SHIELD s.r.l.

부품명 SD243P7
상세설명  Spiderbox짰 and Distribox짰: examples of special configurations for SD and SP series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHIELD [SHIELD s.r.l.]
홈페이지  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

SD243P7 데이터시트(HTML) 2 Page - SHIELD s.r.l.

  SD243P7 Datasheet HTML 1Page - SHIELD s.r.l. SD243P7 Datasheet HTML 2Page - SHIELD s.r.l. SD243P7 Datasheet HTML 3Page - SHIELD s.r.l. SD243P7 Datasheet HTML 4Page - SHIELD s.r.l. SD243P7 Datasheet HTML 5Page - SHIELD s.r.l. SD243P7 Datasheet HTML 6Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
version 091028
DISTRIBUTION BOXES | SCATOLE DISTRIBUZIONE
Spiderbox
www.shield.net
43-43
family coding example
esempio codifica famiglia
A+B = SD201N7
control connection = perpendicular to output ways, with cable
collegamento di controllo = perpendicolare alle vie di uscita, con cavo
1 block
1 modulo
2 blocks
2 moduli
3 blocks
3 moduli
4 blocks
4 moduli
5 blocks
5 moduli
title
titolo
description
descrizione
....1N7
....2N7
....3N7
....4N7
....5N7
DISTRIBOX®
box with
connectors,
double line
DISTRIBOX®
scatola con
connettori,
doppia fila
output ways
with M12 connector
vie di uscita
con connettore M12
SD20…
see p. 43-6
v. pag. 43-6
as above, but output
with M8 3-pole connector
come sopra, ma uscita
con connettore M8, 3 poli
SD23…
as above, but output
with M8 4-pole connector
come sopra, ma uscita
con connettore M8, 4 poli
SD24...
SPIDERBOX®
box with
cables,
double line
SPIDERBOX®
scatola con
cavi,
doppia fila
output ways
with fixed small cables
vie di uscita
con cavi piccoli fissi
SD27...
output ways
with fixed big cables
vie di uscita
con cavi grandi fissi
SPIDERBOX®
hybrid box,
double line
SPIDERBOX®
scatola ibrida,
doppia fila
output ways
with fixed small cables
+ connectors for
optional connections
vie di uscita
con cavi piccoli fissi
+ connettori per
collegamenti opzionali
SD2A...
output ways
with fixed big cables
+ connectors for
optional connections
vie di uscita
cavi grandi fissi e
connettori per collegamenti
opzionali
A
B


유사한 부품 번호 - SD243P7

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SD24 SECOS-SD24 Datasheet
316Kb / 2P
   300W Transient Voltage Suppressors Diode
logo
Shanghai Leiditech Elec...
SD24 LEIDITECH-SD24 Datasheet
140Kb / 3P
   500W Unidirectional TVS Diode
logo
Galaxy Semi-Conductor H...
SD24 BILIN-SD24 Datasheet
196Kb / 3P
   Single Line TVS Diode
logo
SHIKUES Electronics
SD24 SKTECHNOLGY-SD24 Datasheet
740Kb / 3P
   Unidirectional TVS Diodes
logo
AiT Semiconductor Inc.
SD24 AITSEMI-SD24 Datasheet
372Kb / 5P
   350W UNIDIRECTIONAL TVS DIODES
REV1.0
More results

유사한 설명 - SD243P7

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
M5200 TEC-M5200 Datasheet
177Kb / 7P
   Variety of Pressure Ports and Electrical Configurations
logo
National Instruments Co...
PXI-PCI8331 NI-PXI-PCI8331 Datasheet
584Kb / 3P
   Multichassis configurations for PXI and CompactPCI
logo
Renesas Technology Corp
RX62N RENESAS-RX62N Datasheet
204Kb / 25P
   16-Bit SDRAM Connection and Access Examples
logo
STMicroelectronics
UM1763 STMICROELECTRONICS-UM1763 Datasheet
424Kb / 16P
   Description of STLUX385A examples kit
logo
PHOENIX CONTACT
2963501 PHOENIX-2963501 Datasheet
59Kb / 3P
   Socket - SD-D/SP/GY
09/12/2020
logo
Maxim Integrated Produc...
MAX11410EVKIT MAXIM-MAX11410EVKIT Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
logo
PHOENIX CONTACT
2963307 PHOENIX-2963307 Datasheet
65Kb / 3P
   Socket - SD-D/SP/LA
09/12/2020
logo
List of Unclassifed Man...
RCV336ACF ETC1-RCV336ACF Datasheet
4Mb / 66P
   RCV336ACF/SP and RCV144ACF/SP Modem Device
logo
Shenzhen Huazhimei Semi...
HM60N10D HMSEMI-HM60N10D Datasheet
569Kb / 6P
   Special designed for convertors and power controls
logo
Silikron Semiconductor ...
SSFT4002 SILIKRON-SSFT4002 Datasheet
527Kb / 6P
   Special designed for Convertors and power controls
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com