전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA-2197 데이터시트(PDF) 1 Page - Tensility International Corp.

부품명 CA-2197
상세설명  Cable, right angle P7 to stripped/tinned ends, 6 feet, 24 AWG, zip cord
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TENSILITY [Tensility International Corp.]
홈페이지  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-2197 데이터시트(HTML) 1 Page - Tensility International Corp.

  CA-2197 Datasheet HTML 1Page - Tensility International Corp. CA-2197 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
01/19/09
mm
A
CA-2197
Cable, right angle P7 to stripped/tinned
ends, 6 feet, 24 AWG, zip cord
tolerance
X: ±0.5 mm .X: ±0.25 mm .XX: ±0.05 mm
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
Specifications:
plug description (1)
1.35 x 3.5 x 18 ±0.5 with black insulator
plug overmold (2)
30P, black PVC (including strain relief)
cable description (3)
0.16 x 11, 2 conductor, black twin wire
cable outer diameter
3.6 ± 0.1 (each conductor 1.8)
cable material
UL 2468
cable color
black
cable gauge
AWG #24
cable length
1830
twist tie (4)
black
max voltage
36 Vdc
max current
500 mA
Notes:
RoHS compliant
Function test: no open, no reversed polarity, no short circuit, no INT
Hi-Pot test: 600 Vac, 05 mA, 1 second
Mechanical drawing:
1 of 2


유사한 부품 번호 - CA-2197

제조업체부품명데이터시트상세설명
logo
Tensility International...
CA-2191 TENSILITY-CA-2191 Datasheet
97Kb / 2P
   Cable, right angle P5 to stripped/tinned ends, 6 feet, 18 AWG zip cord
CA-2192 TENSILITY-CA-2192 Datasheet
111Kb / 2P
   Cable, 1830 mm, 2.35x0.7x9.5 mm dc plug to stripped tinned, 24 AWG, UL2468, zip cord
CA-2193 TENSILITY-CA-2193 Datasheet
100Kb / 2P
   Cable, P7 to stripped/tinned ends, 6 feet 24 AWG zip cord
CA-2194 TENSILITY-CA-2194 Datasheet
95Kb / 2P
   Cable, P13 to stripped/tinned ends, 6 feet 24 AWG zip cord
CA-2195 TENSILITY-CA-2195 Datasheet
97Kb / 2P
   Cable, P14 to stripped/tinned ends, 6 feet, 24 AWG, zip cord
More results

유사한 설명 - CA-2197

제조업체부품명데이터시트상세설명
logo
Tensility International...
CA-2193 TENSILITY-CA-2193 Datasheet
100Kb / 2P
   Cable, P7 to stripped/tinned ends, 6 feet 24 AWG zip cord
CA-2199 TENSILITY-CA-2199 Datasheet
97Kb / 2P
   Cable, right angle P14 to stripped/tinned ends, 6 feet, 24 AWG, zip cord
CA-2188 TENSILITY-CA-2188 Datasheet
109Kb / 2P
   Cable, right angle P6 to stripped/tinned ends, 6 feet, 24 AWG zip cord
CA-2189 TENSILITY-CA-2189 Datasheet
98Kb / 2P
   Cable, right angle P5 to stripped/tinned ends, 6 feet, 24 AWG zip cord
CA-2194 TENSILITY-CA-2194 Datasheet
95Kb / 2P
   Cable, P13 to stripped/tinned ends, 6 feet 24 AWG zip cord
CA-2184 TENSILITY-CA-2184 Datasheet
148Kb / 2P
   Cable, P6 to stripped/tinned ends, 6 feet, 24 AWG zip cord
CA-2185 TENSILITY-CA-2185 Datasheet
98Kb / 2P
   Cable, P5 to stripped/tinned ends, 6 feet, 24 AWG zip cord
CA-2195 TENSILITY-CA-2195 Datasheet
97Kb / 2P
   Cable, P14 to stripped/tinned ends, 6 feet, 24 AWG, zip cord
CA-2191 TENSILITY-CA-2191 Datasheet
97Kb / 2P
   Cable, right angle P5 to stripped/tinned ends, 6 feet, 18 AWG zip cord
CA-2186 TENSILITY-CA-2186 Datasheet
98Kb / 2P
   Cable, P6 to stripped/tinned ends, 6 feet, 18 AWG zip cord
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com