전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA-2202 데이터시트(PDF) 2 Page - Tensility International Corp.

부품명 CA-2202
상세설명  Cable, 1830 mm, 2.5mm right angle mono plug to stripped tinned, 24 AWG, round wire, shielded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TENSILITY [Tensility International Corp.]
홈페이지  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-2202 데이터시트(HTML) 2 Page - Tensility International Corp.

  CA-2202 Datasheet HTML 1Page - Tensility International Corp. CA-2202 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
01/19/09
mm
A
CA-2202
Cable, 1830 mm, 2.5mm right angle mono
plug to stripped tinned, 24 AWG, round
wire, shielded
tolerance
X: ±0.5 mm .X: ±0.25 mm .XX: ±0.05 mm
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
Revision notes:
Rev
Date
Description
A
January 19, 2009 Re-issued; original specification issued by CUI, re-issued by Tensility
without any material or mechanical changes.
2 of 2


유사한 부품 번호 - CA-2202

제조업체부품명데이터시트상세설명
logo
Tensility International...
CA-2200 TENSILITY-CA-2200 Datasheet
256Kb / 2P
   Cable, 1830 mm, 5.5x2.5x10 mm, right angle dc plug to stripped tinned, 18 AWG, UL2468 zip cord
CA-2201 TENSILITY-CA-2201 Datasheet
126Kb / 2P
   Cable, 1830 mm, 2.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-2203 TENSILITY-CA-2203 Datasheet
95Kb / 2P
   Cable, 1830 mm, 2.5 mm stereo plug to stripped tinned 24 AWG, round wire, shielded
CA-2204 TENSILITY-CA-2204 Datasheet
101Kb / 2P
   Cable, 1830 mm, 2.5 mm right angle stereo plug to stripped tinned, 24 AWG, round wire, shielded
CA-2205 TENSILITY-CA-2205 Datasheet
102Kb / 2P
   Cable, 1830 mm, 3.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
More results

유사한 설명 - CA-2202

제조업체부품명데이터시트상세설명
logo
Tensility International...
CA-2206 TENSILITY-CA-2206 Datasheet
103Kb / 2P
   Cable, 1830 mm, 3.5mm right angle mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-2201 TENSILITY-CA-2201 Datasheet
126Kb / 2P
   Cable, 1830 mm, 2.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-2205 TENSILITY-CA-2205 Datasheet
102Kb / 2P
   Cable, 1830 mm, 3.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-2204 TENSILITY-CA-2204 Datasheet
101Kb / 2P
   Cable, 1830 mm, 2.5 mm right angle stereo plug to stripped tinned, 24 AWG, round wire, shielded
CA-2208 TENSILITY-CA-2208 Datasheet
132Kb / 2P
   Cable, 1830 mm, 3.5 mm right angle stereo plug to stripped tinned, 24 AWG, round wire, shielded
CA-2207 TENSILITY-CA-2207 Datasheet
96Kb / 2P
   Cable, 1830 mm, 3.5mm stereo plug to stripped tinned, 24 AWG, round wire, shielded
CA-2203 TENSILITY-CA-2203 Datasheet
95Kb / 2P
   Cable, 1830 mm, 2.5 mm stereo plug to stripped tinned 24 AWG, round wire, shielded
10-00343 TENSILITY-10-00343 Datasheet
112Kb / 2P
   Cable, 1830 mm, 2.5 mm 50-00032 slim mono plug to stripped tinned, 28 AWG, shielded
10-00334 TENSILITY-10-00334 Datasheet
70Kb / 2P
   Cable, 1830 mm, 2.5 mm 50-00083 slim mono plug to stripped tinned, 28 AWG, shielded, white
CA-2198 TENSILITY-CA-2198 Datasheet
97Kb / 2P
   Cable, 1830 mm, 4.0x1.7x10 mm right angle dc plug to stripped tinned, 24 AWG, UL2468, zip cord
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com