전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-1437558-4 데이터시트(PDF) 6 Page - Tyco Electronics

부품명 4-1437558-4
상세설명  Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1437558-4 데이터시트(HTML) 6 Page - Tyco Electronics

Back Button 4-1437558-4 Datasheet HTML 2Page - Tyco Electronics 4-1437558-4 Datasheet HTML 3Page - Tyco Electronics 4-1437558-4 Datasheet HTML 4Page - Tyco Electronics 4-1437558-4 Datasheet HTML 5Page - Tyco Electronics 4-1437558-4 Datasheet HTML 6Page - Tyco Electronics 4-1437558-4 Datasheet HTML 7Page - Tyco Electronics 4-1437558-4 Datasheet HTML 8Page - Tyco Electronics 4-1437558-4 Datasheet HTML 9Page - Tyco Electronics 4-1437558-4 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
C48
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MTG Series
Toggle Switches, MT Series, Wire Lug, Short Mustang Actuator
SEE PAGE C43 FOR PRODUCT SPECIFICATIONS
For terminal connections refer to Code Chart. (See Page M5-6)
SPDT
MTG106D
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
1-1437559-1
MTG106D
SPDT
1
On None On
1-1437559-2
MTG106E
SPDT
5
On Off On
1-1437559-3
MTG106F
SPDT
1
On None (On)
1-1437559-4
MTG106G
SPDT
5
(On) Off (On)
1-1437559-5
MTG106H
SPDT
5
On Off (On)
(On) indicates momentary position.
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
2-1437559-8
MTG306D
3PDT
3
On None On
2-1437559-9
MTG306E
3PDT
7
On Off On
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
3-1437559-1
MTG406N
4PDT
4
On None On
3-1437559-2
MTG406P
4PDT
8
On Off On
DPDT/SP3T
MTG206N
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
1-1437559-8
MTG206N
DPDT
2
On None On
2-1437559-0
MTG206P
DPDT
6
On Off On
2-1437559-2
MTG206R
DPDT
2
On None (On)
(On) indicates momentary position.
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
2-1437559-3
MTG206S
DPDT
2
(On) Off (On)
2-1437559-4
*MTG206T
DPDT
6
On Off (On)
2-1437559-1
*MTG206PA SP3T
11
On On On
*Note: PA types have case .100/(2.50) longer than other types.
3PDT
MTG306D
4PDT
MTG406N
.470
(11.94)
DIA.
.470
(11.94)
DIA.
.440
(11.18)
.062
(1.58)
.354
(8.99)
.125
(3.18)
DIA.
15/32-32 UNS-2A
.244
(6.20)
DIA.
.453
(11.50)
.468
(11.89)
.354
(9.00)
.157
(4.00)
.030
(0.76)
TYP.
.512
(13.00)
(11.94)
.315
(8.00)
.170
(4.30)
TYP.
24
.036 Dp. x .071 W
(0.91 Dp. x 1.80 W
KEYWAY
.470
(11.94)
DIA.
.440
(11.18)
.354
(8.99)
.125
(3.18)
DIA.
.062
(1.58)
15/32-32 UNS-2A
.244
(6.20)
DIA.
.453
(11.50)
.468
(11.89)
.354
(9.00)
.157
(4.00)
.030
(0.76)
TYP.
.170
(4.30)
TYP.
24
.036 Dp. x .071 W
(0.91 Dp. x 1.80 W
KEYWAY
.512
(13.00)
.512
(13.00)
.190
(4.83)
TYP.
.470
(11.94)
DIA.
.440
(11.18)
.354
(8.99)
.125
(3.18)
DIA.
.062
(1.58)
15/32-32 UNS-2A
.244
(6.20)
DIA.
.453
(11.50)
.468
(11.89)
.453
(11.50)
.157
(4.00)
.030
(0.76)
TYP.
.170
(4.30)
TYP.
24
.036 Dp. x .071 W
(0.91 Dp. x 1.80 W
KEYWAY
.700
(17.8)
.190
(4.83)
TYP.
.512
(13.00)
.470
(11.94)
DIA.
.440
(11.18)
.354
(8.99)
.
.125
(3.18)
DIA.
.062
(1.58)
.
15/32-32
UNS-2A
.244
(6.20)
DIA.
.453
(11.50)
.468
(11.89)
.453
(11.50)
.157
(4.00)
.030
(0.76)
TYP.
.890
(22.6)
.190
(4.83)
TYP.
.512
(13.00)
.
.170
(4.30)
TYP.
24
.036 Dp. x .071 W
(0.91 Dp. x 1.80 W
KEYWAY
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole


유사한 부품 번호 - 4-1437558-4

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-1437558-4 MACOM-4-1437558-4 Datasheet
487Kb / 3P
   TOGGLE SWITCH
More results

유사한 설명 - 4-1437558-4

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1437559-5 MACOM-2-1437559-5 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-6 MACOM-2-1437559-6 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
N1B MACOM-N1B Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-7 MACOM-2-1437559-7 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-4 MACOM-2-1437559-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-1 MACOM-2-1437559-1 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437628-4 MACOM-2-1437628-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
   Wire Lead Toggle & Push Button Switches
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com