전자부품 데이터시트 검색엔진 |
|
8-1437558-1 데이터시트(PDF) 6 Page - Tyco Electronics |
|
8-1437558-1 데이터시트(HTML) 6 Page - Tyco Electronics |
6 / 14 page C48 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 MTG Series Toggle Switches, MT Series, Wire Lug, Short Mustang Actuator SEE PAGE C43 FOR PRODUCT SPECIFICATIONS For terminal connections refer to Code Chart. (See Page M5-6) SPDT MTG106D Tyco Alcoswitch Type Act. Code P. M5 Electronics 1-1437559-1 MTG106D SPDT 1 On None On 1-1437559-2 MTG106E SPDT 5 On Off On 1-1437559-3 MTG106F SPDT 1 On None (On) 1-1437559-4 MTG106G SPDT 5 (On) Off (On) 1-1437559-5 MTG106H SPDT 5 On Off (On) (On) indicates momentary position. Tyco Alcoswitch Type Act. Code P. M5 Electronics 2-1437559-8 MTG306D 3PDT 3 On None On 2-1437559-9 MTG306E 3PDT 7 On Off On Tyco Alcoswitch Type Act. Code P. M5 Electronics 3-1437559-1 MTG406N 4PDT 4 On None On 3-1437559-2 MTG406P 4PDT 8 On Off On DPDT/SP3T MTG206N Tyco Alcoswitch Type Act. Code P. M5 Electronics 1-1437559-8 MTG206N DPDT 2 On None On 2-1437559-0 MTG206P DPDT 6 On Off On 2-1437559-2 MTG206R DPDT 2 On None (On) (On) indicates momentary position. Tyco Alcoswitch Type Act. Code P. M5 Electronics 2-1437559-3 MTG206S DPDT 2 (On) Off (On) 2-1437559-4 *MTG206T DPDT 6 On Off (On) 2-1437559-1 *MTG206PA SP3T 11 On On On *Note: PA types have case .100/(2.50) longer than other types. 3PDT MTG306D 4PDT MTG406N .470 (11.94) DIA. .470 (11.94) DIA. .440 (11.18) .062 (1.58) .354 (8.99) .125 (3.18) DIA. 15/32-32 UNS-2A .244 (6.20) DIA. .453 (11.50) .468 (11.89) .354 (9.00) .157 (4.00) .030 (0.76) TYP. .512 (13.00) (11.94) .315 (8.00) .170 (4.30) TYP. 24 .036 Dp. x .071 W (0.91 Dp. x 1.80 W KEYWAY .470 (11.94) DIA. .440 (11.18) .354 (8.99) .125 (3.18) DIA. .062 (1.58) 15/32-32 UNS-2A .244 (6.20) DIA. .453 (11.50) .468 (11.89) .354 (9.00) .157 (4.00) .030 (0.76) TYP. .170 (4.30) TYP. 24 .036 Dp. x .071 W (0.91 Dp. x 1.80 W KEYWAY .512 (13.00) .512 (13.00) .190 (4.83) TYP. .470 (11.94) DIA. .440 (11.18) .354 (8.99) .125 (3.18) DIA. .062 (1.58) 15/32-32 UNS-2A .244 (6.20) DIA. .453 (11.50) .468 (11.89) .453 (11.50) .157 (4.00) .030 (0.76) TYP. .170 (4.30) TYP. 24 .036 Dp. x .071 W (0.91 Dp. x 1.80 W KEYWAY .700 (17.8) .190 (4.83) TYP. .512 (13.00) .470 (11.94) DIA. .440 (11.18) .354 (8.99) . .125 (3.18) DIA. .062 (1.58) . 15/32-32 UNS-2A .244 (6.20) DIA. .453 (11.50) .468 (11.89) .453 (11.50) .157 (4.00) .030 (0.76) TYP. .890 (22.6) .190 (4.83) TYP. .512 (13.00) . .170 (4.30) TYP. 24 .036 Dp. x .071 W (0.91 Dp. x 1.80 W KEYWAY .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole |
유사한 부품 번호 - 8-1437558-1 |
|
유사한 설명 - 8-1437558-1 |