전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2199 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 2SK2199
상세설명  Very High-Speed Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2199 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  2SK2199 Datasheet HTML 1Page - Sanyo Semicon Device 2SK2199 Datasheet HTML 2Page - Sanyo Semicon Device 2SK2199 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


유사한 부품 번호 - 2SK2199

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
2SK2190 SHINDENGEN-2SK2190 Datasheet
384Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
logo
Inchange Semiconductor ...
2SK2190 ISC-2SK2190 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Shindengen Electric Mfg...
2SK2191 SHINDENGEN-2SK2191 Datasheet
389Kb / 10P
   VX-2 Series Power MOSFET(500V 12A)
logo
Inchange Semiconductor ...
2SK2191 ISC-2SK2191 Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Shindengen Electric Mfg...
2SK2192 SHINDENGEN-2SK2192 Datasheet
393Kb / 10P
   VX-2 Series Power MOSFET(500V 12A)
More results

유사한 설명 - 2SK2199

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SK1417 SANYO-2SK1417 Datasheet
87Kb / 3P
   Very High-Speed Switching Applications
2SK1420 SANYO-2SK1420 Datasheet
88Kb / 3P
   Very High-Speed Switching Applications
2SK1425 SANYO-2SK1425 Datasheet
89Kb / 3P
   Very High-Speed Switching Applications
2SK1429 SANYO-2SK1429 Datasheet
89Kb / 3P
   Very High-Speed Switching Applications
2SK1430 SANYO-2SK1430 Datasheet
88Kb / 3P
   Very High-Speed Switching Applications
2SK1432 SANYO-2SK1432 Datasheet
89Kb / 3P
   Very High-Speed Switching Applications
2SK1433 SANYO-2SK1433 Datasheet
87Kb / 3P
   Very High-Speed Switching Applications
2SK1451 SANYO-2SK1451 Datasheet
93Kb / 3P
   Very High-Speed Switching Applications
2SK1463 SANYO-2SK1463 Datasheet
98Kb / 3P
   Very High-Speed Switching Applications
2SK1472 SANYO-2SK1472 Datasheet
84Kb / 3P
   Very High-Speed Switching Applications
2SK1724 SANYO-2SK1724 Datasheet
81Kb / 3P
   Very High-Speed Switching Applications
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com