전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54216EVAL1Z 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL54216EVAL1Z
상세설명  USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54216EVAL1Z 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL54216EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54216EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54216EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54216EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54216EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54216EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL54216EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL54216EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL54216EVAL1Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN7701.0
September 27, 2010
POWER
The power supply connected at VDD (pin 11) provides
power to the ISL54216 part. Its voltage should be kept in
the range of 2.7V to 4.6V. In a typical application, VDD
will be in the range of 2.7V to 4.3V and will be connected
to the battery or LDO of the MP3 player or cellphone.
A 0.01µF or 0.1µF decoupling capacitor should be
connected from the VDD pin to ground to filter out any
power supply noise from entering the part. The capacitor
should be located as close to the VDD pin as possible.
LOGIC CONTROL
The state of the ISL54216 device is determined by the
voltage at the C1 pin (pin 9) and the C0 pin (pin 10).
Refer to the “Truth Table” on page 2.
The C1 pin and C0 pin are internally pulled low through
4MΩ resistors to ground and can be tri-stated or left
floating.
The C1 pin and C0 pin can be driven with a voltage that
is higher than the VDD supply voltage. They can be
driven up to 5.25V with the VDD supply in the range of
2.7V to 4.6V. Driving the logic higher than the supply rail
will cause the logic current to increase. With VDD = 2.7V
and VLOGIC = 5.25V, ILOGIC current is approximately
5.5µA.
Logic Control Voltage Levels
With VDD in the range of 2.7V to 3.6V the logic levels
are: C1, C0 = Logic “0” (Low) when 0.5V or Floating.
C1, C0 = Logic “1” (High) when 1.4V.
ALL SWITCHES OFF Mode
If the C1 pin = Logic “0” and C0 pin = Logic “0” the part
will be in the ALL SWITCHES OFF mode. In this mode,
the 3D- and 3D+ data switches, the 2D- and 2D+ data
switches, and the 1D- and 1D+ data switches will be OFF
(high impedance).
The COM pins can accommodate signals that swing
below ground by as much as -2V. This allows an audio
CODEC to be connected to the COM pins when the
device is in the all off state.
USB/UART1 Mode
If the C1 pin = Logic “0” and C0 pin = Logic “1” the part
will go into USB/UART1 mode. The 1D- and 1D+ switches
are ON and the 2D- and 2D+ switches and 3D- and 3D+
will be OFF (high impedance).
USB2 Mode
If the C1 = Logic “1” and C0 pin = Logic “0” the part will
be in the USB/UART2 mode. The 2D- and 2D+ switches
will be ON and the 1D- and 1D+ switches and the 3D-
and 3D+ will be OFF (high impedance).
USB3 Mode
If the C1 pin = Logic “1” and C0 pin = Logic “1” the part
will be in the USB/UART3 mode. The 3D- and 3D+
switches are ON, and the 1D- and 1D+ switches and 2D-
and 2D+ switches will be OFF (high impedance).
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified.
FIGURE 7. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 8. ON-RESISTANCE vs SWITCH VOLTAGE vs
TEMPERATURE
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
6.6
6.7
0
0.05
0.10
0.15 0.20
0.25 0.30
0.35 0.40
VCOM (V)
ICOM = 40mA
VDD = 2.7V
VDD = 3.0V
VDD = 3.3V
VDD = 4.0V
VDD = 4.6V
VDD = 3.6V
3
4
5
6
7
8
9
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
VCOM (V)
+85°C
-40°C
ICOM = 40mA
+25°C
VDD = 2.7V
ISL54216


유사한 부품 번호 - ISL54216EVAL1Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54216EVAL1Z RENESAS-ISL54216EVAL1Z Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
More results

유사한 설명 - ISL54216EVAL1Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com