전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9881 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA9881
상세설명  Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9881 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA9881 Datasheet HTML 3Page - NXP Semiconductors TDA9881 Datasheet HTML 4Page - NXP Semiconductors TDA9881 Datasheet HTML 5Page - NXP Semiconductors TDA9881 Datasheet HTML 6Page - NXP Semiconductors TDA9881 Datasheet HTML 7Page - NXP Semiconductors TDA9881 Datasheet HTML 8Page - NXP Semiconductors TDA9881 Datasheet HTML 9Page - NXP Semiconductors TDA9881 Datasheet HTML 10Page - NXP Semiconductors TDA9881 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
9397 750 13417
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2004
7 of 42
Philips Semiconductors
TDA9881
Alignment-free vision and FM sound IF PLL demodulator
8.
Functional description
A simplified block diagram of the device is illustrated in Figure 1. The device contains the
following functional blocks:
1. VIF amplifier
2. Tuner AGC and VIF AGC
3. VIF AGC detector
4. Frequency Phase-Locked Loop (FPLL) detector
5. VCO and divider
6. AFC and digital acquisition help circuit
7. Video demodulator and amplifier
8. Sound carrier trap
9. SIF amplifier
10.SIF AGC detector
11.Single reference QSS mixer
12.FM demodulator and acquisition help circuit
13.Audio amplifier and mute time constant
14.Internal voltage stabilizer
15.Logic.
8.1 VIF amplifier
The VIF amplifier consists of three AC-coupled differential stages. Gain control is
performed by emitter degeneration. The total gain control range is typical 66 dB. The
differential input impedance is typical 2 k
Ω in parallel with 3 pF.
8.2 Tuner AGC and VIF AGC
This block adapts the voltage, generated at the VIF AGC detector, to the internal signal
processing at the VIF amplifier and performs the tuner AGC control current generation.
The onset of the tuner AGC control current generation can be set by a potentiometer at
pin TOP.
8.3 VIF AGC detector
Gain control is performed using sync level detection.
The sync level voltage is stored in an integrated capacitor by means of a fast peak
detector. This voltage is compared with a reference voltage (nominal sync level) by a
comparator which charges or discharges the integrated AGC capacitor to generate the
VIF gain. The time constants for decreasing or increasing the gain are nearly equal and
the total AGC reaction time is fast, to cope with ‘aeroplane fluttering’.


유사한 부품 번호 - TDA9881

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882HN NXP-TDA9882HN Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882TS NXP-TDA9882TS Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
More results

유사한 설명 - TDA9881

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
logo
TEMIC Semiconductors
U2861B TEMIC-U2861B Datasheet
263Kb / 11P
   Mono FM Sound Demodulator for TV Systems
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
logo
TEMIC Semiconductors
U2860BB TEMIC-U2860BB Datasheet
417Kb / 11P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
ATMEL Corporation
U2860B-M ATMEL-U2860B-M Datasheet
336Kb / 14P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
STMicroelectronics
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
   MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com