전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2316 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 2SK2316
상세설명  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2316 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  2SK2316 Datasheet HTML 1Page - Sanyo Semicon Device 2SK2316 Datasheet HTML 2Page - Sanyo Semicon Device 2SK2316 Datasheet HTML 3Page - Sanyo Semicon Device 2SK2316 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Turn-ON Delay Time
td(on)
See specified Test Circuit.
15
ns
Rise Time
tr
20
ns
Turn-OFF Delay Time
td(off)
50
ns
Fall Time
tf
35
ns
Diode Forward Voltage
VSD
IS=2A, VGS=0
1.0
V
Making : KP
Switching Time Test Circuit
2SK2316
No.5300-2/4


유사한 부품 번호 - 2SK2316

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2311 TOSHIBA-2SK2311 Datasheet
292Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS)
2SK2311 TOSHIBA-2SK2311 Datasheet
771Kb / 6P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS)
2SK2311 TOSHIBA-2SK2311 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2311 TOSHIBA-2SK2311 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2311-262 ISC-2SK2311-262 Datasheet
300Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK2316

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com