전자부품 데이터시트 검색엔진 |
|
L7806C 데이터시트(PDF) 7 Page - STMicroelectronics |
|
L7806C 데이터시트(HTML) 7 Page - STMicroelectronics |
7 / 56 page L78xx, L78xxC, L78xxAB, L78xxAC Maximum ratings Doc ID 2143 Rev 22 7/56 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage for VO= 5 to 18 V 35 V for VO= 20, 24 V 40 IO Output current Internally limited PD Power dissipation Internally limited TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range for L78xx -55 to 150 °C for L78xxC, L78xxAC 0 to 125 for L78xxAB -40 to 125 Table 3. Thermal data Symbol Parameter D²PAK DPAK TO-220 TO-220FP TO-3 Unit RthJC Thermal resistance junction-case 3 8 5 5 4 °C/W RthJA Thermal resistance junction-ambient 62.5 100 50 60 35 °C/W Figure 4. Application circuits |
유사한 부품 번호 - L7806C |
|
유사한 설명 - L7806C |