전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9276 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9276
상세설명  Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9276 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9276 Datasheet HTML 2Page - Analog Devices AD9276 Datasheet HTML 3Page - Analog Devices AD9276 Datasheet HTML 4Page - Analog Devices AD9276 Datasheet HTML 5Page - Analog Devices AD9276 Datasheet HTML 6Page - Analog Devices AD9276 Datasheet HTML 7Page - Analog Devices AD9276 Datasheet HTML 8Page - Analog Devices AD9276 Datasheet HTML 9Page - Analog Devices AD9276 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD9276
Rev. 0 | Page 6 of 48
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Input-Referred Noise Voltage
RS = 0 Ω, RFB = ∞
LNA gain = 15.6 dB
1.5
nV/√Hz
LNA gain = 17.9 dB
1.4
nV/√Hz
LNA gain = 21.3 dB
1.3
nV/√Hz
Noise Figure
RS = 50 Ω, RFB = ∞
LNA gain = 15.6 dB
5.7
dB
LNA gain = 17.9 dB
5.3
dB
LNA gain = 21.3 dB
4.8
dB
Input-Referred Dynamic Range
RS = 0 Ω, RFB = ∞
LNA gain = 15.6 dB
164
dBFS/√Hz
LNA gain = 17.9 dB
162
dBFS/√Hz
LNA gain = 21.3 dB
160
dBFS/√Hz
Output-Referred SNR
−3 dBFS input, fRF = 2.5 MHz, f4LO = 10 MHz,
1 kHz offset
155
dBc/√Hz
Two-Tone Intermodulation (IMD3)
fRF1 = 5.015 MHz, fRF2 = 5.020 MHz,
f4LO = 20 MHz, ARF1 = 0 dB, ARF2 = −20 dB,
IMD3 relative to ARF2
−58
dB
Quadrature Phase Error
I to Q, all phases, 1 σ
0.15
Degrees
I/Q Amplitude Imbalance
I to Q, all phases, 1 σ
0.015
dB
Channel-to-Channel Matching
Phase I to I, Q to Q, 1 σ
0.5
Degrees
Amplitude I to I, Q to Q, 1 σ
0.25
dB
POWER SUPPLY
Mode I/Mode II/Mode III
AVDD1
1.7
1.8
1.9
V
AVDD2
2.7
3.0
3.6
V
DRVDD
1.7
1.8
1.9
V
IAVDD1
TGC mode
190/263/317
mA
CW Doppler mode
15
mA
IAVDD2
TGC mode, no signal
365
mA
CW Doppler mode per channel enabled,
no signal
30
mA
IDRVDD
49/51/52
mA
Total Power Dissipation
(Including Output Drivers)
TGC mode, no signal
1560/1690/
1780
1800/1940/
2050
mW
CW Doppler mode with eight channels
enabled, no signal
750
mW
Power-Down Dissipation
5
mW
Standby Power Dissipation
175/200/210
mW
Power Supply Rejection Ratio
(PSRR)
1.6
mV/V
ADC RESOLUTION
12
Bits
ADC REFERENCE
Output Voltage Error
VREF = 1 V
±20
mV
Load Regulation at 1.0 mA
VREF = 1 V
2
mV
Input Resistance
6
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and information about how these tests were
completed.
2 The overrange condition is specified as being 6 dB more than the full-scale input range.


유사한 부품 번호 - AD9276

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9276 AD-AD9276 Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
AD9276-65EBZ AD-AD9276-65EBZ Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
AD9276-80KITZ AD-AD9276-80KITZ Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
AD9276BSVZ AD-AD9276BSVZ Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
More results

유사한 설명 - AD9276

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9277 AD-AD9277_17 Datasheet
835Kb / 49P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
AD9277 AD-AD9277 Datasheet
1Mb / 48P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
REV. 0
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com