전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD5NK60ZT4 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STD5NK60ZT4
상세설명  N-CHANNEL 650V @Tjmax - 1.2廓 - 5A TO-220/FP/DPAK Zener-Protected SuperMESH??MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5NK60ZT4 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STD5NK60ZT4 Datasheet HTML 6Page - STMicroelectronics STD5NK60ZT4 Datasheet HTML 7Page - STMicroelectronics STD5NK60ZT4 Datasheet HTML 8Page - STMicroelectronics STD5NK60ZT4 Datasheet HTML 9Page - STMicroelectronics STD5NK60ZT4 Datasheet HTML 10Page - STMicroelectronics STD5NK60ZT4 Datasheet HTML 11Page - STMicroelectronics STD5NK60ZT4 Datasheet HTML 12Page - STMicroelectronics STD5NK60ZT4 Datasheet HTML 13Page - STMicroelectronics STD5NK60ZT4 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
STP5NK60Z - STP5NK60ZFP- STD5NK60Z
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.213
C
0.45
0.60
0.018
0.024
C2
0.48
0.60
0.019
0.024
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.252
0.260
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.398
L2
0.8
0.031
L4
0.60
1.00
0.024
0.039
V2
0
o
8
o
0
o
0
o
P032P_B
TO-252 (DPAK) MECHANICAL DATA


유사한 부품 번호 - STD5NK60ZT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
477Kb / 14P
   N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
585Kb / 12P
   N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?줡ower MOSFET
logo
VBsemi Electronics Co.,...
STD5NK60ZT4 VBSEMI-STD5NK60ZT4 Datasheet
1Mb / 9P
   Power MOSFET
logo
STMicroelectronics
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
582Kb / 24P
   N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
Rev 8 - August 2018
More results

유사한 설명 - STD5NK60ZT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP5NK65Z STMICROELECTRONICS-STP5NK65Z Datasheet
286Kb / 9P
   N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH?줡ower MOSFET
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
608Kb / 13P
   N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
September 2003
STP5NK60Z STMICROELECTRONICS-STP5NK60Z_02 Datasheet
585Kb / 12P
   N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?줡ower MOSFET
STP5NK60Z STMICROELECTRONICS-STP5NK60Z Datasheet
477Kb / 14P
   N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
   N-channel 900V - 5廓 - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
   N-channel 700V - 1.5廓 - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STP3NK60Z STMICROELECTRONICS-STP3NK60Z Datasheet
755Kb / 15P
   N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STF3NK100Z STMICROELECTRONICS-STF3NK100Z Datasheet
430Kb / 16P
   N-channel 1000V - 5.4廓 - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH??Power MOSFET
STP7NK30Z STMICROELECTRONICS-STP7NK30Z_05 Datasheet
344Kb / 12P
   N-CHANNEL 300V - 0.80廓 - 5A TO-220/TO-220FP Zener-Protected SuperMESH?줞OSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com