전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS87C54X2-MCB 데이터시트(PDF) 9 Page - ATMEL Corporation

부품명 TS87C54X2-MCB
상세설명  8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS87C54X2-MCB 데이터시트(HTML) 9 Page - ATMEL Corporation

Back Button TS87C54X2-MCB Datasheet HTML 5Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 6Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 7Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 8Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 9Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 10Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 11Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 12Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
9
4431E–8051–04/06
AT/TS8xC54/8X2
Figure 6-2.
Mode Switching Waveforms
The X2 bit in the CKCON register (See Table 6-1.) allows to switch from 12 clock cycles per
instruction to 6 clock cycles and vice versa. At reset, the standard speed is activated (STD
mode). Setting this bit activates the X2 feature (X2 mode).
CAUTION
In order to prevent any incorrect operation while operating in X2 mode, user must be aware that
all peripherals using clock frequency as time reference (UART, timers) will have their time refer-
ence divided by two. For example a free running timer generating an interrupt every 20 ms will
then generate an interrupt every 10 ms. UART with 4800 baud rate will have 9600 baud rate.
XTAL1:2
XTAL1
CPU clock
X2 bit
X2 Mode
STD Mode
STD Mode


유사한 부품 번호 - TS87C54X2-MCB

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TS87C54X2 ATMEL-TS87C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
TEMIC Semiconductors
TS87C54X2 TEMIC-TS87C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
More results

유사한 설명 - TS87C54X2-MCB

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com