전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5487BP15B675 데이터시트(PDF) 1 Page - Johanson Technology Inc.

부품명 5487BP15B675
상세설명  5.5 GHz Band Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JOHANSON [Johanson Technology Inc.]
홈페이지  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5487BP15B675 데이터시트(HTML) 1 Page - Johanson Technology Inc.

  5487BP15B675 Datasheet HTML 1Page - Johanson Technology Inc. 5487BP15B675 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“High Frequency Ceramic Solutions”
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
www.johanson technology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
Input Power
Group Delay
Impedance
Operating Temperature Range
3 Watts max
5.0 nS max.
50
-40 to +85°C
Part
Frequency
Insertion
Return
Number
(MHz)
Loss
Attenuation (min.)
Loss
Ripple
5487BP15B675_
5150 - 5825
1.8 dB max
35 dB @ 2.57-2.90 GHz
9.5 dB min.
0.7 dB max.
22 dB @ 10.3-11.65 GHz
30 dB @ 15.45-17.47 GHz
5.5 GHz Band Pass Filter
P/N 5487BP15B675
Detail Specification
Rev. 01/29/2002 Page 1 of 2
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
Mechanical Dimensions
LW
T
a
b
c
g
p
Inches
0.079 ± .004
0.049± .004
0.034 ± .004
0.012 ± .004
0.008 ± .004
0.012 + .004/-.008
0.014 ± .004
0.026 ±.002
mm
2.0 ± 0.1
1.25 ± 0.1
0.85 ± 0.1
0.30 ± 0.1
0.20 ± 0.1
0.30+0.1/-0.2
0.35 ± 0.1
0.65 ± 0.05
Terminal Configuration
1
GND
4
GND
2
GND
5
GND
3
I/O
6
I/O
Mounting Considerations
Mount these devices with brown colored side facing up. * Line width should be designed to provide 50Ω impedance matching characteristics.


유사한 부품 번호 - 5487BP15B675

제조업체부품명데이터시트상세설명
logo
Johanson Technology Inc...
5487BP15B675E JOHANSON-5487BP15B675E Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
More results

유사한 설명 - 5487BP15B675

제조업체부품명데이터시트상세설명
logo
Johanson Technology Inc...
5515BP15C725E JOHANSON-5515BP15C725E Datasheet
112Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15C725 JOHANSON-5515BP15C725 Datasheet
112Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B725 JOHANSON-5515BP15B725 Datasheet
87Kb / 2P
   5.5 GHz Band Pass Filter
5487BP15C675 JOHANSON-5487BP15C675 Datasheet
106Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B730 JOHANSON-5515BP15B730 Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B975 JOHANSON-5515BP15B975 Datasheet
897Kb / 2P
   5.5 GHz Band Pass Filter
5487BP15B675E JOHANSON-5487BP15B675E Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B730E JOHANSON-5515BP15B730E Datasheet
119Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B975E JOHANSON-5515BP15B975E Datasheet
163Kb / 2P
   5.5 GHz Band Pass Filter
5515BP15B725E JOHANSON-5515BP15B725E Datasheet
439Kb / 2P
   5.5 GHz Band Pass Filter
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com