전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB270N4F3 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STB270N4F3
상세설명  N-channel 40 V, 1.6 m廓, 160 A, D2PAK, I2PAK STripFET??III Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB270N4F3 데이터시트(HTML) 3 Page - STMicroelectronics

  STB270N4F3_09 Datasheet HTML 1Page - STMicroelectronics STB270N4F3_09 Datasheet HTML 2Page - STMicroelectronics STB270N4F3_09 Datasheet HTML 3Page - STMicroelectronics STB270N4F3_09 Datasheet HTML 4Page - STMicroelectronics STB270N4F3_09 Datasheet HTML 5Page - STMicroelectronics STB270N4F3_09 Datasheet HTML 6Page - STMicroelectronics STB270N4F3_09 Datasheet HTML 7Page - STMicroelectronics STB270N4F3_09 Datasheet HTML 8Page - STMicroelectronics STB270N4F3_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STB270N4F3, STI270N4F3
Electrical ratings
Doc ID 13208 Rev 4
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
I²PAK
D²PAK
VDS
Drain-source voltage (VGS = 0)
40
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Current limited by package
Drain current (continuous) at TC = 25 °C
120
160
A
ID
(1)
Drain current (continuous) at TC=100 °C
120
160
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
480
640
A
PTOT
Total dissipation at TC = 25 °C
330
W
Derating factor
2.2
W/°C
dv/dt(3)
3.
ISD ≤ 120 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
Peak diode recovery voltage slope
3.5
V/n
EAS
(4)
4.
Starting Tj=25 °C, ID =80 A, VDD= 32 V
Single pulse avalanche energy
1
J
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
I²PAK
D²PAK
Rthj-case
Thermal resistance junction-case max
0.45
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu.
Thermal resistance junction-pcb max
35
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose (for 10 sec, 1.6 mm from case)
300
°C


유사한 부품 번호 - STB270N4F3_09

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB270N4F3 STMICROELECTRONICS-STB270N4F3_08 Datasheet
380Kb / 15P
   N-channel 40 V - 2.1 m廓 - 160 A - TO-220 - D2PAK - I2PAK STripFET??Power MOSFET
More results

유사한 설명 - STB270N4F3_09

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB270N4F3 STMICROELECTRONICS-STB270N4F3_08 Datasheet
380Kb / 15P
   N-channel 40 V - 2.1 m廓 - 160 A - TO-220 - D2PAK - I2PAK STripFET??Power MOSFET
STD90N4F3 STMICROELECTRONICS-STD90N4F3_09 Datasheet
808Kb / 16P
   N-channel 40 V, 5.0 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
STB200N6F3 STMICROELECTRONICS-STB200N6F3 Datasheet
858Kb / 16P
   N-channel 60 V, 3 m廓, 120 A D2PAK, TO-220, I2PAK STripFET??Power MOSFET
logo
Nexperia B.V. All right...
PSMN1R5-40ES NEXPERIA-PSMN1R5-40ES Datasheet
822Kb / 14P
   N-channel 40 V 1.6 m廓 standard level MOSFET in I2PAK.
logo
STMicroelectronics
STH270N4F3-2 STMICROELECTRONICS-STH270N4F3-2 Datasheet
1,023Kb / 19P
   N-channel 40 V, 1.4 m廓 typ., 180 A STripFET III Power MOSFET
STB60N55F3 STMICROELECTRONICS-STB60N55F3_09 Datasheet
630Kb / 20P
   N-channel 55 V, 6.5 m廓, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET??III Power MOSFET
STB150NF04 STMICROELECTRONICS-STB150NF04 Datasheet
395Kb / 11P
   N-channel 40 V - 0.005 廓 - 80 A - D2PAK STripFET?줚I Power MOSFET
STD55N4F5 STMICROELECTRONICS-STD55N4F5 Datasheet
781Kb / 13P
   N-channel 40 V, 7.3 m廓, 40 A, DPAK STripFET??V Power MOSFET
STD90N4F3 STMICROELECTRONICS-STD90N4F3_08 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
   N-channel 55 V, 0.0062 廓, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14