전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD3510H 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDD3510H
상세설명  Dual N & P-Channel PowerTrench MOSFET N-Channel: 80V, 13.9A, 80mOHM P-Channel: -80V, -9.4A, 190mOHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3510H 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDD3510H Datasheet HTML 1Page - Fairchild Semiconductor FDD3510H Datasheet HTML 2Page - Fairchild Semiconductor FDD3510H Datasheet HTML 3Page - Fairchild Semiconductor FDD3510H Datasheet HTML 4Page - Fairchild Semiconductor FDD3510H Datasheet HTML 5Page - Fairchild Semiconductor FDD3510H Datasheet HTML 6Page - Fairchild Semiconductor FDD3510H Datasheet HTML 7Page - Fairchild Semiconductor FDD3510H Datasheet HTML 8Page - Fairchild Semiconductor FDD3510H Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FDD3510H Rev.C
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Symbol
Parameter
Test Conditions
Type
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID =250µA, VGS = 0V
ID = -250µA, VGS = 0V
Q1
Q2
80
-80
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250µA, referenced to 25°C
ID = -250µA, referenced to 25°C
Q1
Q2
84
-67
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 64V, VGS = 0V
VDS = -64V, VGS = 0V
Q1
Q2
1
-1
µA
IGSS
Gate to Source Leakage Current
VGS = ±20V, VDS = 0V
Q1
Q2
±100
±100
nA
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
VGS = VDS, ID = -250µA
Q1
Q2
2.0
-1.0
2.6
-1.6
4.0
-3.0
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250µA, referenced to 25°C
ID = -250µA, referenced to 25°C
Q1
Q2
-6.7
4.6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 4.3A
VGS = 6.0V, ID = 4.1A
VGS = 10V, ID = 4.3A, TJ = 125°C
Q1
64
70
121
80
88
152
m
VGS = -10V, ID = -2.8A
VGS = -4.5V, ID = -2.6A
VGS = -10V, ID = -2.8A, TJ = 125°C
Q2
153
184
259
190
224
322
gFS
Forward Transconductance
VDD = 10V, ID = 4.3A
VDD = -5V, ID = -2.8A
Q1
Q2
15
6.8
S
Ciss
Input Capacitance
Q1
VDS = 40V, VGS = 0V, f = 1MHZ
Q2
VDS = -40V, VGS = 0V, f = 1MHZ
Q1
Q2
600
660
800
880
pF
Coss
Output Capacitance
Q1
Q2
56
50
75
70
pF
Crss
Reverse Transfer Capacitance
Q1
Q2
27
25
41
40
pF
Rg
Gate Resistance
f = 1MHz
Q1
Q2
1.7
7.2
td(on)
Turn-On Delay Time
Q1
VDD = 40V, ID = 4.3A,
VGS = 10V, RGEN = 6Ω
Q2
VDD = -40V, ID = -2.8A,
VGS = -10V, RGEN = 6Ω
Q1
Q2
7
6
13
11
ns
tr
Rise Time
Q1
Q2
2
3
10
10
ns
td(off)
Turn-Off Delay Time
Q1
Q2
16
25
29
40
ns
tf
Fall Time
Q1
Q2
2
5
10
10
ns
Qg(TOT)
Total Gate Charge
Q1
VGS = 10V, VDD = 40V, ID = 4.3A
Q2
VGS = -10V, VDD = -40V, ID = -2.8A
Q1
Q2
13
14
18
20
nC
Qgs
Gate to Source Charge
Q1
Q2
2.3
1.9
nC
Qgd
Gate to Drain “Miller” Charge
Q1
Q2
3.2
2.9
nC


유사한 부품 번호 - FDD3510H

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD3570 FAIRCHILD-FDD3570 Datasheet
219Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDD3570 FAIRCHILD-FDD3570 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD3570 ISC-FDD3570 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3580 FAIRCHILD-FDD3580 Datasheet
125Kb / 5P
   80V N-Channel PowerTrench??MOSFET
More results

유사한 설명 - FDD3510H

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS3890 FAIRCHILD-FDS3890 Datasheet
85Kb / 5P
   80V N-Channel Dual PowerTrench MOSFET
FDS3812 FAIRCHILD-FDS3812 Datasheet
86Kb / 5P
   80V N-Channel Dual PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS3512 KEXIN-KDS3512 Datasheet
62Kb / 2P
   80V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI4480DY FAIRCHILD-SI4480DY Datasheet
90Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3590 FAIRCHILD-FDS3590 Datasheet
204Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
250Kb / 8P
   80V N-Channel PowerTrench??MOSFET
FDC3512 FAIRCHILD-FDC3512 Datasheet
133Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3570 FAIRCHILD-FDD3570 Datasheet
219Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com