전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP85N3LH5 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STP85N3LH5
상세설명  N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP85N3LH5 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STP85N3LH5 Datasheet HTML 7Page - STMicroelectronics STP85N3LH5 Datasheet HTML 8Page - STMicroelectronics STP85N3LH5 Datasheet HTML 9Page - STMicroelectronics STP85N3LH5 Datasheet HTML 10Page - STMicroelectronics STP85N3LH5 Datasheet HTML 11Page - STMicroelectronics STP85N3LH5 Datasheet HTML 12Page - STMicroelectronics STP85N3LH5 Datasheet HTML 13Page - STMicroelectronics STP85N3LH5 Datasheet HTML 14Page - STMicroelectronics STP85N3LH5 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STD85N3LH5
Package mechanical data
Doc ID 13833 Rev 7
11/16
TO-220 type A mechanical data
Dim
mm
Min
Typ
Max
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c0.48
0.70
D
15.25
15.75
D1
1.27
E10
10.40
e
2.40
2.70
e1
4.95
5.15
F1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L3028.90
∅P
3.75
3.85
Q
2.65
2.95
0015988_Rev_S


유사한 부품 번호 - STP85N3LH5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP85N3LH5 STMICROELECTRONICS-STP85N3LH5 Datasheet
376Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
logo
VBsemi Electronics Co.,...
STP85N3LH5 VBSEMI-STP85N3LH5 Datasheet
963Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - STP85N3LH5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD75N3LLH6 STMICROELECTRONICS-STD75N3LLH6 Datasheet
1Mb / 21P
   N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5_09 Datasheet
391Kb / 16P
   N-channel 30 V, 0.0072 廓, 48 A DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_08 Datasheet
351Kb / 15P
   N-channel 25 V, 0.0038 廓, 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
342Kb / 15P
   N-channel 25 V - 0.0038 廓 - 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD90N4F3 STMICROELECTRONICS-STD90N4F3_08 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
   N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5 Datasheet
344Kb / 15P
   N-channel 30 V, 0.0072 廓, 48 A - DPAK - IPAK STripFET??V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com