전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYG24J 데이터시트(PDF) 2 Page - EIC discrete Semiconductors

부품명 BYG24J
상세설명  FAST AVALANCHE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYG24J 데이터시트(HTML) 2 Page - EIC discrete Semiconductors

  BYG24J Datasheet HTML 1Page - EIC discrete Semiconductors BYG24J Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( BYG24D - BYG24J )
FIG.1 - AVERAGE FORWARD CURRENT
FIG.2 - DIODE CAPACITANCE VS.
VS. AMBIENT TEMPERATURE
REVERSE VOLTAGE
0
25
50
75
100
125
150
0.1
1.0
10
AMBIENT TEMPERATURE, (
°C)
REVERSE VOLTAGE, (V)
FIG.3 - FORWARD CURRENT VS.
FIG.4 - REVERSE CURRENT VS.
FORWARD VOLTAGE
JUNCTION TEMPERATURE
0
0.5
1.0
1.5
2.0
2.5
3.0
25
50
75
100
125
150
Page 2 of 2
Rev. 01 : September 18, 2008
1.2
0.9
0.6
0.3
1.5
100
20
0
25
0
15
10
5
10
1.0
1.0
10
JUNCTION TEMPERATURE, (°C)
0.1
f = 1 MHz
TJ = 25 °C
VR = VRRM
Half Sine Wave
100
0.01
FORWARD VOLTAGE, (V)
TJ = 150 °C
RӨJA 25 ≤ K/W
VR = VRRM
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


유사한 부품 번호 - BYG24J

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG24J VISHAY-BYG24J Datasheet
68Kb / 3P
   Fast Avalanche SMD Rectifier
Rev. 1.2, 19-Oct-04
BYG24J VISHAY-BYG24J Datasheet
92Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
logo
Shenzhen Taychipst Elec...
BYG24J TAYCHIPST-BYG24J Datasheet
3Mb / 2P
   Fast Avalanche SMD Rectifier
logo
Vishay Siliconix
BYG24J VISHAY-BYG24J Datasheet
86Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Dec-11
logo
SUNMATE electronic Co.,...
BYG24J SUNMATE-BYG24J Datasheet
373Kb / 2P
   FAST AVALANCHE RECTIFIERS DIODES
More results

유사한 설명 - BYG24J

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
BYG24D SUNMATE-BYG24D Datasheet
373Kb / 2P
   FAST AVALANCHE RECTIFIERS DIODES
logo
Vishay Siliconix
AR1PD VISHAY-AR1PD Datasheet
91Kb / 5P
   Surface Mount Fast Avalanche Rectifiers
Revision: 19-Apr-11
AR1FD VISHAY-AR1FD Datasheet
114Kb / 5P
   Surface-Mount Fast Avalanche Rectifiers
Revision: 17-Sep-2020
AR1PD VISHAY-AR1PD_V01 Datasheet
105Kb / 5P
   Surface Mount Fast Avalanche Rectifiers
01-Jan-2022
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
BYM36 PHILIPS-BYM36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
Vishay Siliconix
AR4PD VISHAY-AR4PD Datasheet
92Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 18-May-11
AR3PK VISHAY-AR3PK Datasheet
92Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 04-May-11
logo
Shenzhen Taychipst Elec...
BYV26 TAYCHIPST-BYV26 Datasheet
3Mb / 7P
   Fast soft-recovery controlled avalanche rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com