전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC848CDXV6T5 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 BC848CDXV6T5
상세설명  Dual General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848CDXV6T5 데이터시트(HTML) 1 Page - ON Semiconductor

  BC848CDXV6T5 Datasheet HTML 1Page - ON Semiconductor BC848CDXV6T5 Datasheet HTML 2Page - ON Semiconductor BC848CDXV6T5 Datasheet HTML 3Page - ON Semiconductor BC848CDXV6T5 Datasheet HTML 4Page - ON Semiconductor BC848CDXV6T5 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2010
October, 2010 − Rev. 2
1
Publication Order Number:
BC847CDXV6T1/D
BC847CDXV6T1,
BC847CDXV6T5
BC848CDXV6T1,
BC848CDXV6T5
Dual General Purpose
Transistors
NPN Duals
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT−563 which is designed for
low power surface mount applications.
Features
These are Pb−Free Devices
MAXIMUM RATINGS
Rating
Symbol
BC847
BC848
Unit
Collector − Emitter Voltage
VCEO
45
30
V
Collector − Base Voltage
VCBO
50
30
V
Emitter − Base Voltage
VEBO
6.0
5.0
V
Collector Current − Continuous
IC
100
100
mAdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation, (Note 1)
TA = 25°C
Derate above 25°C
PD
357
2.9
mW
mW/°C
Thermal Resistance,
Junction-to-Ambient (Note 1)
RqJA
350
°C/W
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation, (Note 1)
TA = 25°C
Derate above 25°C
PD
500
4.0
mW
mW/°C
Thermal Resistance,
Junction-to-Ambient (Note 1)
RqJA
250
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad
SOT−563
CASE 463A
PLASTIC
1
6
Q1
(1)
(2)
(3)
(4)
(5)
(6)
Q2
http://onsemi.com
MARKING DIAGRAMS
1x M G
G
BC847CDXV6T1
1x
= Device Code
x = G or M
M
= Date Code
G
=Pb−Free Package
(Note: Microdot may be in either location)
1
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


유사한 부품 번호 - BC848CDXV6T5

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC848CDXV6T5 ONSEMI-BC848CDXV6T5 Datasheet
64Kb / 6P
   Dual General Purpose Transistors
March, 2003 - Rev. 0
More results

유사한 설명 - BC848CDXV6T5

제조업체부품명데이터시트상세설명
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com