전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW72LT1 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 BCW72LT1
상세설명  General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW72LT1 데이터시트(HTML) 2 Page - ON Semiconductor

  BCW72LT1 Datasheet HTML 1Page - ON Semiconductor BCW72LT1 Datasheet HTML 2Page - ON Semiconductor BCW72LT1 Datasheet HTML 3Page - ON Semiconductor BCW72LT1 Datasheet HTML 4Page - ON Semiconductor BCW72LT1 Datasheet HTML 5Page - ON Semiconductor BCW72LT1 Datasheet HTML 6Page - ON Semiconductor BCW72LT1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BCW72LT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 2.0 mAdc, VEB = 0)
V(BR)CEO
45
Vdc
Collector−Emitter Breakdown Voltage
(IC = 2.0 mAdc, VEB = 0)
V(BR)CES
45
Vdc
Collector−Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
50
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 20 Vdc, IE = 0)
(VCB = 20 Vdc, IE = 0, TA = 100°C)
ICBO
100
10
nAdc
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
hFE
200
450
Collector−Emitter Saturation Voltage
(IC = 10 mAdc, IB = 0.5 mAdc)
(IC = 50 mAdc, IB = 2.5 mAdc)
VCE(sat)
0.21
0.25
Vdc
Base −Emitter Saturation Voltage
(IC = 50 mAdc, IB = 2.5 mAdc)
VBE(sat)
0.85
Vdc
Base −Emitter On Voltage
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
VBE(on)
0.6
0.75
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
300
MHz
Output Capacitance
(IE = 0, VCB = 10 Vdc, f = 1.0 MHz)
Cobo
4.0
pF
Input Capacitance
(IE = 0, VCB = 10 Vdc, f = 1.0 MHz)
Cibo
9.0
pF
Noise Figure
(IC = 0.2 mAdc, VCE = 5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz, BW = 200 Hz)
NF
10
dB
Figure 1. Turn−On Time
Figure 2. Turn−Off Time
EQUIVALENT SWITCHING TIME TEST CIRCUITS
*Total shunt capacitance of test jig and connectors
10 k
+3.0 V
275
CS < 4.0 pF*
10 k
+3.0 V
275
CS < 4.0 pF*
1N916
300 ns
DUTY CYCLE = 2%
+10.9 V
-0.5 V
<1.0 ns
10 < t1 < 500 ms
DUTY CYCLE = 2%
+10.9 V
0
-9.1 V
< 1.0 ns
t1


유사한 부품 번호 - BCW72LT1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BCW72LT1 MOTOROLA-BCW72LT1 Datasheet
416Kb / 8P
   General Purpose Transistor
logo
ON Semiconductor
BCW72LT1 ONSEMI-BCW72LT1 Datasheet
416Kb / 8P
   General Purpose Transistor(NPN Silicon)
BCW72LT1G ONSEMI-BCW72LT1G Datasheet
246Kb / 7P
   General Purpose Transistor
November, 2016 ??Rev. 5
BCW72LT1G ONSEMI-BCW72LT1G_16 Datasheet
246Kb / 7P
   General Purpose Transistor
November, 2016 ??Rev. 5
More results

유사한 설명 - BCW72LT1

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com