전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT18-05 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 BAT18-05
상세설명  Silicon RF Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT18-05 데이터시트(HTML) 3 Page - Infineon Technologies AG

  BAT18-05 Datasheet HTML 1Page - Infineon Technologies AG BAT18-05 Datasheet HTML 2Page - Infineon Technologies AG BAT18-05 Datasheet HTML 3Page - Infineon Technologies AG BAT18-05 Datasheet HTML 4Page - Infineon Technologies AG BAT18-05 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2007-03-29
3
BAT18...
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
0.0
EHD07019
BAT 18...
C
T
R
V
10
20
V
30
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
pF
2.0
Forward resistance rf = ƒ (IF)
f = 100MHz
10
EHD07020
BAT 18...
r
f
F
Ι
-1
0
10
1
10
2
10
mA
-1
10
10
1
10
0


유사한 부품 번호 - BAT18-05

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT18-05 SIEMENS-BAT18-05 Datasheet
39Kb / 2P
   Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
logo
Infineon Technologies A...
BAT18-05 INFINEON-BAT18-05 Datasheet
432Kb / 3P
   Silicon RF Switching Diode
Jan-07-2003
logo
Guangdong Kexin Industr...
BAT18-05 KEXIN-BAT18-05 Datasheet
35Kb / 1P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAT18-05 INFINEON-BAT18-05 Datasheet
815Kb / 5P
   Silicon RF Switching Diode
2011-06-14
More results

유사한 설명 - BAT18-05

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BAR81W KEXIN-BAR81W Datasheet
36Kb / 1P
   Silicon RF Switching Diode
logo
Siemens Semiconductor G...
BA582 SIEMENS-BA582 Datasheet
28Kb / 2P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
   Silicon RF Switching Diode
Aug-17-2001
BAR81WH6327 INFINEON-BAR81WH6327 Datasheet
824Kb / 6P
   Silicon RF Switching Diode
2011-06-14
logo
Guangdong Kexin Industr...
BAR65-02W KEXIN-BAR65-02W Datasheet
31Kb / 1P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR81 INFINEON-BAR81_07 Datasheet
75Kb / 6P
   Silicon RF Switching Diode
2007-04-19
BAR81W INFINEON-BAR81W Datasheet
407Kb / 4P
   Silicon RF Switching Diode
Dec-20-2002
logo
SEMTECH ELECTRONICS LTD...
BA592WS SEMTECH_ELEC-BA592WS Datasheet
245Kb / 3P
   SILICON RF SWITCHING DIODE
logo
Infineon Technologies A...
BAT18-04 INFINEON-BAT18-04_11 Datasheet
815Kb / 5P
   Silicon RF Switching Diode
2011-06-14
BA-892-02V-H6127 INFINEON-BA-892-02V-H6127 Datasheet
976Kb / 11P
   Silicon RF Switching Diode
2011-07-21
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com