전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT240A 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 BAT240A
상세설명  High Voltage Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT240A 데이터시트(HTML) 1 Page - Infineon Technologies AG

  BAT240A Datasheet HTML 1Page - Infineon Technologies AG BAT240A Datasheet HTML 2Page - Infineon Technologies AG BAT240A Datasheet HTML 3Page - Infineon Technologies AG BAT240A Datasheet HTML 4Page - Infineon Technologies AG BAT240A Datasheet HTML 5Page - Infineon Technologies AG BAT240A Datasheet HTML 6Page - Infineon Technologies AG BAT240A Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2007-10-04
1
BAT240...
High Voltage Schottky Diode
• Rectifier Schottky diode for telecommunication
and industrial applications
• High reverse voltage: 240 V
• For power supply applications
• For clamping and protection in
high voltage applications
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BAT240A
!

,
, 
ESD (Electrostatic discharge) sensitive device, observe handling precaution!
Type
Package
Configuration
Marking
BAT240A
SOT23
half bridge
4Ms
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage2)
VR
240
V
Forward current2)
IF
400
mA
Non-repetitive peak surge forward current
(t
≤ 10ms)
IFSM
1
A
Total power dissipation
TS ≤ 28°C
Ptot
400
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150
1Pb-containing package may be available upon special request
2For TA > 25 °C the derating of VR and IF has to be considered. Please refer to the attached curves.


유사한 부품 번호 - BAT240A

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT240A SIEMENS-BAT240A Datasheet
24Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
logo
Infineon Technologies A...
BAT240A INFINEON-BAT240A Datasheet
37Kb / 4P
   Silicon Schottky Diode
Jul-06-2001
More results

유사한 설명 - BAT240A

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CPD92 CENTRAL-CPD92 Datasheet
178Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CPD102X CENTRAL-CPD102X Datasheet
717Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CPD92V CENTRAL-CPD92V Datasheet
157Kb / 2P
   Schottky Diode High Voltage Schottky Diode Chip
CMLD6263 CENTRAL-CMLD6263_15 Datasheet
511Kb / 3P
   HIGH VOLTAGE SCHOTTKY DIODE
logo
Microsemi Corporation
APT2X101S20J MICROSEMI-APT2X101S20J Datasheet
221Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT100S20LCT MICROSEMI-APT100S20LCT Datasheet
201Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20K MICROSEMI-APT15S20K Datasheet
127Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20KG MICROSEMI-APT15S20KG Datasheet
127Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT60S20BG MICROSEMI-APT60S20BG Datasheet
2Mb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
APT15S20KCT MICROSEMI-APT15S20KCT Datasheet
182Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
logo
Advanced Power Technolo...
APT15S20BCT ADPOW-APT15S20BCT Datasheet
57Kb / 4P
   HIGH VOLTAGE SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com