전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN4800IN 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN4800IN
상세설명  Low Startup Current PFC/PWM Controller Combinations
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800IN 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN4800IN Datasheet HTML 1Page - Fairchild Semiconductor FAN4800IN Datasheet HTML 2Page - Fairchild Semiconductor FAN4800IN Datasheet HTML 3Page - Fairchild Semiconductor FAN4800IN Datasheet HTML 4Page - Fairchild Semiconductor FAN4800IN Datasheet HTML 5Page - Fairchild Semiconductor FAN4800IN Datasheet HTML 6Page - Fairchild Semiconductor FAN4800IN Datasheet HTML 7Page - Fairchild Semiconductor FAN4800IN Datasheet HTML 8Page - Fairchild Semiconductor FAN4800IN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800 Rev. 1.0.6
3
Pin Configuration
Figure 2. Pin Configuration (Top View)
Pin Definitions
Pin #
Name
Description
1
IEAO
PFC transconductance current error amplifier output
2
IAC
PFC gain control reference input
3
ISENSE
Current sense input to the PFC current limit comparator
4
VRMS
Input for PFC RMS line voltage compensation
5
SS
Connection point for the PWM soft-start capacitor
6
VDC
PWM voltage feedback input
7
RAMP1 (RtCt)
Oscillator timing node; timing set by RT, CT
8
RAMP2 (PWM RAMP)
In current mode, this pin functions as the current-sense input. In voltage mode,
it is the PWM input from the PFC output (feed forward ramp).
9
DC ILIMIT
PWM current-limit comparator input
10
GND
Ground
11
PWM OUT
PWM driver output
12
PFC OUT
PFC driver output
13
VCC
Positive supply
14
VREF
Buffered output for the internal 7.5V reference
15
VFB
PFC transconductance voltage error amplifier input
16
VEAO
PFC transconductance voltage error amplifier output
1
2
13
12
16
14
4
5
I
SENSE
SS
V
RMS
I
EAO
V
EAO
V
CC
GND
3
I
AC
15
6
7
11
10
RAMP1
9
8
RAMP2
DC I
LIMIT
PWM OUT
PFC OUT
V
REF
V
FB
FAN4800 Rev.03
V
DC


유사한 부품 번호 - FAN4800IN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4800IN FAIRCHILD-FAN4800IN Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
FAN4800IN FAIRCHILD-FAN4800IN Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
More results

유사한 설명 - FAN4800IN

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_06 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
ON Semiconductor
NCP1603 ONSEMI-NCP1603 Datasheet
270Kb / 30P
   PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability
April, 2006 ??Rev. 8
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com