전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI20N65C3 데이터시트(PDF) 7 Page - Infineon Technologies AG

부품명 SPI20N65C3
상세설명  New revolutionary high voltage technology Worldwide best RDS(on) in TO 220
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI20N65C3 데이터시트(HTML) 7 Page - Infineon Technologies AG

Back Button SPI20N65C3 Datasheet HTML 3Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 4Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 5Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 6Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 7Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 8Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 9Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 10Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
200
7-08-30
Rev. 3.0
Page 7
SPP20N65C3, SPA20N65C3
SPI20N65C3
9 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 13.1 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
SPP20N65C3
typ
98%
10 Typ. transfer characteristics
ID= f ( VGS ); VDS2 x ID x RDS(on)max
parameter: tp = 10 µs
0
1
2
3
4
5
6
7
V
9
VGS
0
10
20
30
40
50
60
A
80
150°C
25°C
12 Forward characteristics of body diode
IF = f (VSD)
parameter: Tj , tp = 10 µs
0
0.4
0.8
1.2
1.6
2
2.4
V
3
VSD
-1
10
0
10
1
10
2
10
A
SPP20N65C3
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
11 Typ. gate charge
VGS = f (QGate)
parameter: ID = 20.7 A pulsed
0
20
40
60
80
100
nC
140
QGate
0
2
4
6
8
10
12
V
16
SPP20N65C3
0,8 VDS max
DS max
V
0,2


유사한 부품 번호 - SPI20N65C3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPI20N65C3 INFINEON-SPI20N65C3 Datasheet
784Kb / 14P
   Cool MOS??Power Transistor
2003-08-15
SPI20N65C3 INFINEON-SPI20N65C3 Datasheet
622Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-12-01
logo
Inchange Semiconductor ...
SPI20N65C3 ISC-SPI20N65C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - SPI20N65C3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPP21N50C3 INFINEON-SPP21N50C3_07 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPP20N60C3 INFINEON-SPP20N60C3_09 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
SPB12N50C3 INFINEON-SPB12N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.4 2005-11-07
SPP17N80C3 INFINEON-SPP17N80C3_07 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.6 2007-08-30
SPN04N60S5 INFINEON-SPN04N60S5_05 Datasheet
4Mb / 10P
   New revolutionary high voltage technology Worldwide best RDS in SOT 223
Rev. 2.2 2005-02-21
SPW11N80C3 INFINEON-SPW11N80C3_11 Datasheet
509Kb / 10P
   New revolutionary high voltage technology
Rev. 2.91 2011-09-27
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPB17N80C3 INFINEON-SPB17N80C3_07 Datasheet
326Kb / 10P
   CoolMOS짰 Power Transistor Features new revolutionary high voltage technology
Rev. 2.3 2007-11-28
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com